Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3663-QEG21 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR3663-QEG21
Description  17-24GHz Integrated Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3663-QEG21 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR3663-QEG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3663-QEG21 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
17
–24GHz Down Converter
CHR3663-QEG
Ref. : DSCHR3663-QEG1192 - 11 Jul 11
7/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Figure 5 : Conversion Gain versus RF Power & Frequency
F_RF = 2xF_LO+F_IF, F_IF = 2.0GHz, GC2 = GC3 = -1.5V
Figure 6: Conversion Gain versus RF Power & Gain control
F_RF = 2xF_LO+F_IF, F_RF = 20GHz, F_IF = 2.0GHz
5
6
7
8
9
10
11
12
13
14
15
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
Input Power (dBm)
F_RF=16GHz
F_RF=18GHz
F_RF=20GHz
F_RF=22GHz
F_RF=24GHz
F_RF=26GHz
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
Input Power (dBm)
GCx=-1,5V
Gcx=-0,5V
Gcx=-0,3V
Gcx=-0,1V
GCx=+0,5V"


Similar Part No. - CHR3663-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3663-QEG UMS-CHR3663-QEG Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
More results

Similar Description - CHR3663-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR2292 UMS-CHR2292 Datasheet
124Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com