Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3894-QEG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR3894-QEG
Description  37-40GHz Integrated Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3894-QEG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR3894-QEG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3894-QEG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CHR3894-QEG
Ref. : DSCHR3894-QEG2201 -19 jul 12
1/14
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
37-40GHz Integrated Down Converter
GaAs Monolithic Microwave IC in SMD leadless package
Description
The
CHR3894-QEG
is
a
multifunction
monolithic
receiver,
which
integrates
a
balanced cold FET mixer, a LO chain with
buffers associated to a time two multiplier,
and a RF low noise amplifier including gain
control.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.15µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
Main Features
■ Broadband performances: 37-40GHz
■ 13dB Conversion gain
■ 15dBc Image Rejection
■ 2dBm IIP3 without attenuation (GC=-2V)
■ 8dB Gain Control range
■ 4dB Noise Figure for IF>0.1GHz
■ 0dBm LO input Power
■ DC bias: Vd=4V @ Id=250mA
■ 24L-QFN4x5
■ MSL1
Main Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
37
40
GHz
FLO
LO frequency range
17.5
21.0
dB
FIF
IF frequency range
DC
3.5
dB
G
Conversion gain without attenuation
10
13
dBm
UMS
R3894
YYWW
UMS
R3894
YYWW
UMS
R3894
YYWW
0
2
4
6
8
10
12
14
16
18
20
35
36
37
38
39
40
41
RF Frequency (GHz)
Conversion gain (USB mode) @ IF 2GHz
-2V
-0.4V
-0.2V
0V
+0.6V


Similar Part No. - CHR3894-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3894-QEG UMS-CHR3894-QEG Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
More results

Similar Description - CHR3894-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com