Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0201-FV-8552ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CR0201-FV-8552ELF
Description  Bourns Chip Resistors and Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0201-FV-8552ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CR0201-FV-8552ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 5Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 6Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 7Page - Bourns Electronic Solutions CR0201-FV-8552ELF Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chip Resistors Summary
Available Types:
• Thick-Film Chip Resistors CR
• CRL (Low value)
• CRH (High value)
• CRP (Precision value)
Available Ranges:
• 5 % in E24 series
• 1 % in E96 + E24 series
Chip Resistors:
±1 %, ±100 PPM/ºC
±5 %, ±200 PPM/ºC
CR0201-FX
CR0201-JW
CR0402-FX
CR0402-JW
CR0603-FX
CR0603-JW
CR0805-FX
CR0805-JW
CR1206-FX
CR1206-JW
CR2010-FX
CR2010-JW
CR2512-FX
CR2512-JW
Chip Resistor Lab Kits are available.
Packaging:
Tape and reel
Applications:
Bourns offers seven sizes of Chip Resistors for most
market requirements.


Similar Part No. - CR0201-FV-8552ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0201-FV-1003ELF BOURNS-CR0201-FV-1003ELF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
CR0201-FV-1003GLF BOURNS-CR0201-FV-1003GLF Datasheet
251Kb / 9P
   CR Series - Thick Film Chip Resistors
REV. 03/21
More results

Similar Description - CR0201-FV-8552ELF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com