Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6B Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SM6B
Description  Ceramic Surface Mount Crystal The SM6B series incorporates a sub-miniature AT-cut Strip Crystal resomator housed in a miniature 2-ped 6.0x3.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SM6B Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SM6B_13 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
S M 6 B
Ceramic Surface Mount Crystal
The SM6B series incorporates a sub-miniature AT-cut strip
crystal resonator housed in a miniature 2-pad 6.0x3.5mm
ceramic package with 2 pads. These compact crystals are ideal
for surface mount, densely-populated PCB applications.
SM6B
Rugged AT-cut crystal construction
Ultra miniature for maximum spacing saving
Ideally suited for disc driver, PCMCIA, PC’S and
hand-held products
Tight specifications available
Specifications:
SM6B
Frequency Range:
10 MHz ~ 45 MHz
Fundamental
36 MHz ~ 121 MHz
Overtone
All dimensions are in mm
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-55
°C ~ +125°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
10 pF ~ 32 pF or series
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table.
Drive Level:
0.1 mW max
Shunt Capacitance:
7 pF max
Ordering Information
Aging:
± 3 ppm max per year
Product name + CL + Operating Temperature
Range + Tolerance + Stability + Other Code +
Frequency.
i.e. SM6B-20-C-30-30-F-24.000MHz
Optional Features:
Fundamental
-F
3
rd,5th,7th O.T.
-3,5,7
Tape & Reel
-TR
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.


Similar Part No. - SM6B_13

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
SM6B595F SAMHOP-SM6B595F Datasheet
149Kb / 9P
   8-BIT LED DRIVER
SM6B595P SAMHOP-SM6B595P Datasheet
149Kb / 9P
   8-BIT LED DRIVER
More results

Similar Description - SM6B_13

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-2 STATEK-CX-2 Datasheet
90Kb / 2P
   Miniature AT-Cut Crystal
logo
EUROQUARTZ limited
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
   Miniature AT-Cut Quartz Crystal
logo
STATEK CORPORATION
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
   Miniature AT-Cut Quartz Crystal
CX7 STATEK-CX7_08 Datasheet
101Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
CX-7-SM STATEK-CX-7-SM Datasheet
40Kb / 2P
   Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
Advanced Crystal Techno...
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
   miniature surface mount Watch Crystal in a cylindrical
31-05-2012
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
   miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FX-3 FOX-FX-3 Datasheet
143Kb / 1P
   MICRO MINIATURE AT STRIP CRYSTAL
FX3 FOX-FX3 Datasheet
538Kb / 1P
   MICRO MINIATURE "AT STRIP" CRYSTAL
logo
Raltron Electronics Cor...
CSA309 RALTRON-CSA309 Datasheet
22Kb / 1P
   MINIATURE AT STRIP CRYSTAL UNITS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com