Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116-AU_L0_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS116-AU_L0_10001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116-AU_L0_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS116-AU_L0_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS116-AU_L0_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS116-AU_L0_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS116-AU_L0_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS116-AU_L0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-DEC.07.2007
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
SOT-23
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)
Unit inch(mm)
BAS116-AU/BAW156-AU/BAV170-AU/BAV199-AU


Similar Part No. - BAS116-AU_L0_10001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116-13-F DIODES-BAS116-13-F Datasheet
94Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-7-F DIODES-BAS116-7-F Datasheet
344Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
BAS116-7-F DIODES-BAS116-7-F Datasheet
116Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 May 2008
More results

Similar Description - BAS116-AU_L0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW Datasheet
146Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com