Electronic Components Datasheet Search |
|
BAT54-AU_BD_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
BAT54-AU_BD_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 May 20,2011-REV.04 BAT54 SERIES Fig.17 SERIES Fig.16 COMMON CATHODE COMMON CATHODE Fig.15 COMMON ANODE Fig.14 SINGLE SURFACE MOUNT SCHOTTKY BARRIER VOLTAGE 30 Volts MECHANICAL • Case: SOT-23, Plastic • Terminals: Solderable per MIL-STD-750, Method 2026 • Approx. Weight: 0.0003 ounces, 0.0084 grams DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%. CURRENT Pa ra me te r Sy m bol Uni ts Mark i ng co de - L4 L4 2 L4 3 L4 4 - F orward P o wer D i ss i pati on@TA=2 5 OC P D 225 mW P eak Repe ti ti ve Reverse Voltage V RRM 30 V Maxi mum A verage F orward C urrent at TA=7 5OC I O 0.2 A Repeti ti ve P eak Fo rward C urrent(tp=8 .3ms,50 %D uty C ycle) I FRM 300 mA P eak F o rward S urge C urre nt, 1.0s (JE D E C me tho d ) I FSM 0.6 A Ma xi mum Instanta ne ous F o rward Vo ltage @ I F=1 m A @ I F = 1 00m A V F 0.3 2 0.8 V Ma xi mum D C Re ve rse C urre nt at Ra ted D C B locki ng Vo ltage@V R=2 5 V I R 2.0 uA Junc ti on C apaci tance a t V R=1 V C J 10 pF Thermal Resi stance, Juncti o n to A mbi ent R θJA 500 O C/ W Op erati ng Junc ti o n and S to rage Temperature Range T J , TSTG -55 TO +125 O C Ci rc ui t F i gure - Si ng le Co mmo n A node Co mmo n Ca tho d e Se ri e s - 0.2 Amperes SOT-23 Unit inch(mm) : 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) FEATURES • Low turn-on voltage • Fast switching • PN Junction Guard Ring for Transient and ESD Protection. • Acqire quality system certificate : TS16949 • AEC-Q101 qualified • Lead free in comply with EU RoHS 2011/65/EU directives. • Green molding compound as per IEC61249 Std. . (Halogen Free) BAT5 4 -AU B AT54A -AU B AT54C -AU BAT54 S -AU |
Similar Part No. - BAT54-AU_BD_10001 |
|
Similar Description - BAT54-AU_BD_10001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |