Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-91764 Datasheet(PDF) 3 Page - Analog Devices

Part # 5962-91764
Description  MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-91764 Datasheet(HTML) 3 Page - Analog Devices

  5962-91764 Datasheet HTML 1Page - Analog Devices 5962-91764 Datasheet HTML 2Page - Analog Devices 5962-91764 Datasheet HTML 3Page - Analog Devices 5962-91764 Datasheet HTML 4Page - Analog Devices 5962-91764 Datasheet HTML 5Page - Analog Devices 5962-91764 Datasheet HTML 6Page - Analog Devices 5962-91764 Datasheet HTML 7Page - Analog Devices 5962-91764 Datasheet HTML 8Page - Analog Devices 5962-91764 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-91764
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
3
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings. 1/
VSS to VDD ........................................................................................ -0.3 V dc, +33.0 V dc
VSS to VLOGIC................................................................................... -0.3 V dc, +23.5 V dc
VSS to DGND..................................................................................... -16. 5 V dc
VDD to DGND .................................................................................... +16.5 V dc
VLOGIC to DGND ............................................................................... -0.3 V dc, +7.0 V dc
VSS to VREFL..................................................................................... -0.3 V dc, VDD – 2.0 V dc
VREFH to VDD.................................................................................... +2.0 V dc, +33.0 V dc
VREFH to VREFL ................................................................................ 0 V dc, VDD – VSS
Current into any pin............................................................................
±15 mA
Digital input voltage to DGND ............................................................ -0.3 V dc, VLOGIC + 0.3 V dc
Digital output voltage to DGND .......................................................... -0.3 V dc, +7.0 V dc
Power dissipation (PD)....................................................................... 1000 mW 2/
Junction temperature (TJ) .................................................................. +150°C
Storage temperature range ................................................................ -65
°C to +150°C
Lead temperature (soldering, 60 seconds) ........................................ +300
°C
Thermal resistance, junction-to-case (
θJC) ........................................ See MIL-STD-1835
Thermal resistance, junction-to-ambient (
θJA):
Case X............................................................................................ 50
°C/W
Case 3 ............................................................................................ 70
°C/W
1.4 Recommended operating conditions.
Supply voltage range .........................................................................
±15 V dc
Logic supply voltage (VLOGIC)........................................................... +5 V dc
Positive reference voltage range (+VREF) ......................................... +2.5 V dc to +10.0 V dc
Negative reference voltage range (–VREF)........................................ -10.0 V dc to 0 V dc
Ground potential ................................................................................ 0 V dc
Ambient operating temperature range (TA)........................................ -55°C to +125°C
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
________
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/
Derate above +80
°C at 14.3 mW/°C for case 3. Derate above +100°C at 20 mW/°C for case X


Similar Part No. - 5962-91764

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9176301QEA TI-5962-9176301QEA Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
5962-9176301QEA TI1-5962-9176301QEA Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - 5962-91764

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com