Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9176401QXA Datasheet(PDF) 6 Page - Analog Devices

Part # 5962-9176401QXA
Description  MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9176401QXA Datasheet(HTML) 6 Page - Analog Devices

Back Button 5962-9176401QXA Datasheet HTML 2Page - Analog Devices 5962-9176401QXA Datasheet HTML 3Page - Analog Devices 5962-9176401QXA Datasheet HTML 4Page - Analog Devices 5962-9176401QXA Datasheet HTML 5Page - Analog Devices 5962-9176401QXA Datasheet HTML 6Page - Analog Devices 5962-9176401QXA Datasheet HTML 7Page - Analog Devices 5962-9176401QXA Datasheet HTML 8Page - Analog Devices 5962-9176401QXA Datasheet HTML 9Page - Analog Devices 5962-9176401QXA Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-91764
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – continued.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Positive supply current
IDD
VREFH = +2.5 V
1, 2, 3
All
13
mA
Negative supply current
ISS
1, 2, 3
All
-10
mA
Logic supply current
ILOGIC
1, 2, 3
All
100
µA
Slew rate
SR
Measured at 10 % to 90 %,
TA = +25°C,
VO = 0 V to 10 V
2/
4
All
2
V/
µs
Functional test
FT
See 4.4.1c
7
All
Settling time
tS
10 V step to 0.01 %,
2/
TA = +25°C
9
All
15
µs
Chip select write pulse width
tWCS
2/, 3/
9, 10, 11
All
90
ns
Write setup
tWS
tWCS = 90 ns
2/, 3/
9, 10, 11
All
0
ns
Write hold
tWH
tWCS = 90 ns
2/, 3/
9, 10, 11
All
0
ns
Address setup
tAS
2/, 3/
9, 10, 11
All
0
ns
Address hold
tAH
2/, 3/
9, 10, 11
All
0
ns
Load setup
tLS
2/, 3/
9, 10, 11
All
70
ns
WRITE load hold
tLH
2/, 3/
9, 10, 11
All
30
ns
WRITE data setup
tWDS
tWCS = 90 ns
2/, 3/
9, 10, 11
All
20
ns
WRITE data hold
tWDH
tWCS = 90 ns
2,/ 3/
9, 10, 11
All
0
ns
Load pulse width
tLWD
2/, 3/
9, 10, 11
All
170
ns
Reset pulse width
tRESET
2/, 3/
9, 10, 11
All
200
ns
Chip select read pulse width
tRCS
2/, 3/
9, 10, 11
All
130
ns
See footnotes at end of table.


Similar Part No. - 5962-9176401QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9176301QEA TI-5962-9176301QEA Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
5962-9176301QEA TI1-5962-9176301QEA Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - 5962-9176401QXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com