Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8016ARBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8016ARBZ
Description  Low Power, High Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARBZ Datasheet(HTML) 4 Page - Analog Devices

  AD8016ARBZ Datasheet HTML 1Page - Analog Devices AD8016ARBZ Datasheet HTML 2Page - Analog Devices AD8016ARBZ Datasheet HTML 3Page - Analog Devices AD8016ARBZ Datasheet HTML 4Page - Analog Devices AD8016ARBZ Datasheet HTML 5Page - Analog Devices AD8016ARBZ Datasheet HTML 6Page - Analog Devices AD8016ARBZ Datasheet HTML 7Page - Analog Devices AD8016ARBZ Datasheet HTML 8Page - Analog Devices AD8016ARBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD8016
Rev. C | Page 3 of 20
SPECIFICATIONS
@ 25°C, VS = ±12 V, RL = 100 Ω, PWDN0, PWDN1 = (1, 1), TMIN = −40°C, TMAX = +85°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, RF = 1.5 kΩ, VOUT = 0.2 V p-p
380
MHz
G = +5, RF = 499 Ω, VOUT < 0.5 V p-p
69
78
MHz
Bandwidth for 0.1 dB Flatness
G = +5, RF = 499 Ω, VOUT = 0.2 V p-p
16
38
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
90
MHz
Peaking
VOUT = 0.2 V p-p < 50 MHz
0.1
dB
Slew Rate
VOUT = 4 V p-p, G = +2
1000
V/μs
Rise and Fall Time
VOUT = 2 V p-p
2
ns
Settling Time
0.1%, VOUT = 2 V p-p
23
ns
Input Overdrive Recovery Time
VOUT = 12.5 V p-p
350
ns
NOISE/DISTORTION PERFORMANCE
Distortion, Single-Ended
VOUT = 2 V p-p, G = +5, RF = 499 Ω
Second Harmonic
fC = 1 MHz, RL = 100 Ω/25 Ω
−75/−62
−77/−64
dBc
Third Harmonic
fC = 1 MHz, RL = 100 Ω/25 Ω
−88/−74
−93/−76
dBc
Multitone Power Ratio1
26 kHz to 1.1 MHz, ZLINE = 100 Ω, PLINE = 20.4 dBm
–75
dBc
IMD
500 kHz, Δf = 10 kHz, RL = 100 Ω/25 Ω
−84/−80
−88/−85
dBc
IP3
500 kHz, RL = 100 Ω/25 Ω
42/40
43/41
dBm
Voltage Noise (RTI)
f = 10 kHz
2.6
4.5
nV/√Hz
Input Current Noise
f = 10 kHz
18
21
pA√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage
−3.0
1.0
+3.0
mV
+Input Bias Current
−45
+45
μA
–Input Bias Current
−75
4
+75
μA
Input Resistance
400
Input Capacitance
2
pF
Input Common-Mode Voltage Range
−10
+10
V
Common-Mode Rejection Ratio
58
64
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single-ended, RL = 100 Ω
−11
+11
V
Linear Output Current
G = 5, RL = 10 Ω, f1 = 100 kHz, −60 dBc SFDR
400
600
mA
Short-Circuit Current
2000
mA
Capacitive Load Drive
80
pF
POWER SUPPLY
Operating Range
±3
±13
V
Quiescent Current
PWDN1, PWDN0 = (1, 1)
12.5
13.2
mA/Amp
PWDN1, PWDN0 = (1, 0)
8
10
mA/Amp
PWDN1, PWDN0 = (0, 1)
5
8
mA/Amp
PWDN1, PWDN0 = (0, 0)
4
6
mA/Amp
Recovery Time
To 95% of IQ
25
μs
Shutdown Current
250 μA out of bias pin
1.5
4.0
mA/Amp
Power Supply Rejection Ratio
ΔVS = ±1 V
63
75
dB
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
See Figure 48, R20, R21 = 0 Ω, R1 = open.


Similar Part No. - AD8016ARBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

Similar Description - AD8016ARBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392 AD-AD8392_15 Datasheet
1Mb / 16P
   Low Power, High Output Current
REV. A
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8396 AD-AD8396_15 Datasheet
845Kb / 12P
   Low Power, High Output Current
REV. C
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com