Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG774ABRQ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG774ABRQ
Description  Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774ABRQ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG774ABRQ Datasheet HTML 4Page - Analog Devices ADG774ABRQ Datasheet HTML 5Page - Analog Devices ADG774ABRQ Datasheet HTML 6Page - Analog Devices ADG774ABRQ Datasheet HTML 7Page - Analog Devices ADG774ABRQ Datasheet HTML 8Page - Analog Devices ADG774ABRQ Datasheet HTML 9Page - Analog Devices ADG774ABRQ Datasheet HTML 10Page - Analog Devices ADG774ABRQ Datasheet HTML 11Page - Analog Devices ADG774ABRQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG774A
Rev. B | Page 8 of 16
TEMPERATURE (°C)
0.05
–0.05
585
0
–100
0.01
1000
FREQUENCY (MHz)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
VDD = 5.0V
VSS = 0V
TEMP = 25°C
VD = 3V/1V
VS = 1V/3V
–20
–40
–60
–80
IS, ID (ON)
ID (OFF)
15
25
35
45
55
65
75
IS (OFF)
TEMPERATURE (°C)
0.1
1
10
100
Figure 10. Leakage Current as a Function of Temperature, VDD = 5 V
0.05
–0.05
585
0
–15
0.01
1000
FREQUENCY (MHz)
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
15
25
35
45
55
65
75
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = 3.0V
VSS = 0V
TEMP = 25°C
VD = 2V/1V
VS = 1V/2V
Figure 11. Leakage Current as a Function of Temperature, VDD = 3 V
0
–100
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–20
–40
–60
–80
Figure 12. Off Isolation vs. Frequency
Figure 13. Crosstalk vs. Frequency
0.1
1
10
100
–5
–10
.5
Figure 14. Bandwidth
0
–7
02
VOLTAGE (V)
–1
–2
–3
–4
–5
–6
0.5
1.0
1.5
2.0
VDD = 3V
VDD = 5V
Figure 15. Charge Injection vs. Source Voltage


Similar Part No. - ADG774ABRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
More results

Similar Description - ADG774ABRQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774A AD-ADG774A_15 Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774A AD-ADG774A Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG794 AD-ADG794 Datasheet
354Kb / 12P
   Low Voltage, 300 MHz Quad 2:1 Mux Analog HDTV Audio/Video Switch
REV. 0
logo
Pericom Semiconductor C...
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
   Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com