Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD30HC5MEFJ-ME2 Datasheet(PDF) 1 Page - Rohm

Part # BD30HC5MEFJ-ME2
Description  Automotive 1.5A Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD30HC5MEFJ-ME2 Datasheet(HTML) 1 Page - Rohm

  BD30HC5MEFJ-ME2 Datasheet HTML 1Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 2Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 3Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 4Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 5Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 6Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 7Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 8Page - Rohm BD30HC5MEFJ-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/21
TSZ02201-0R6R0AN00280-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
Datasheet
Automotive 1.5A Variable Output
LDO Regulator
BDxxHC5MEFJ-M
●General Description
BDxxHC5MEFJ-M is a LDO regulator with output current 1.5A. The output accuracy is ±1% of output voltage. With external
resistance, it is available to set the output voltage at random (from 1.5V to 7.0V).It has package type: HTSOP-J8.
Over
current protection (for protecting the IC destruction by output short circuit), circuit current ON/OFF switch (for setting the
circuit 0
μA at shutdown mode), and thermal shutdown circuit (for protecting IC from heat destruction by over load condition)
are all built in. It is usable for ceramic capacitor and enables to improve smaller set and long-life.
●Features
High accuracy reference voltage circuit
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
With shut down switch
AEC-Q100 Qualified
●Key Specifications
Input power supply voltage range:
4.5V to 8.0V
Output voltage range(Variable type):
1.5V to 7.0V
Output voltage(Fixed type): 1.5V/1.8V/2.5V/3.0V/3.3V
5.0V/6.0V/7.0V
Output current:
1.5A (Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +105℃
●Typical Application Circuit
Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HTSOP-J8
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor


Similar Part No. - BD30HC5MEFJ-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD30HC5MEFJ-ME2 ROHM-BD30HC5MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD30HC5MEFJ-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com