Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD33HC0WEFJ Datasheet(PDF) 1 Page - Rohm

Part # BD33HC0WEFJ
Description  1A Fixed Output LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD33HC0WEFJ Datasheet(HTML) 1 Page - Rohm

  BD33HC0WEFJ Datasheet HTML 1Page - Rohm BD33HC0WEFJ Datasheet HTML 2Page - Rohm BD33HC0WEFJ Datasheet HTML 3Page - Rohm BD33HC0WEFJ Datasheet HTML 4Page - Rohm BD33HC0WEFJ Datasheet HTML 5Page - Rohm BD33HC0WEFJ Datasheet HTML 6Page - Rohm BD33HC0WEFJ Datasheet HTML 7Page - Rohm BD33HC0WEFJ Datasheet HTML 8Page - Rohm BD33HC0WEFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/18
TSZ02201-0R6R0A600330-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
28.Dec.2012 Rev.002
Datasheet
1A Fixed Output
LDO Regulators
BDxxHC0WEFJ
●General Description
BDxxHC0WEFJ series devices are LDO regulators with an output current of 1.0A. The output accuracy is ±1% of the output
voltage. Various fixed output voltage devices that do not use external resistors are available. It can be used for a wide
range of digital appliance applications. It has a small package type: HTSOP-J8 (4.90mm x 6.00mm x 1.00mm). These
devices have built in over current protection to protect the device when output is shorted, 0µA shutdown mode and thermal
shutdown circuit to protect the device during over load conditions. These LDO regulators are usable with ceramic capacitors
that enable a smaller layout and longer life.
●Features
+/-1% output voltage accuracy
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
Zero
μA shutdown mode
●Key Specifications
Input Power Supply Voltage range:
4.5V to 8.0V
Output voltage:
1.5V/1.8V/2.5V/3.0V/3.3V/5V/6V/7V
Output current:
1.0A(Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-25℃ to +85℃
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00 mm x 1.00mm
●Typical Application Circuit
HTSOP-J8
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor


Similar Part No. - BD33HC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD33HC0MEFJ-LB ROHM-BD33HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD33HC0MEFJ-LBH2 ROHM-BD33HC0MEFJ-LBH2 Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD33HC0MEFJ-ME2 ROHM-BD33HC0MEFJ-ME2 Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD33HC0MEFJ-ME2 ROHM-BD33HC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD33HC0VEFJ-ME2 ROHM-BD33HC0VEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD33HC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com