Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM105B105K16A Datasheet(PDF) 6 Page - Rohm

Part # CM105B105K16A
Description  500mA Variable Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CM105B105K16A Datasheet(HTML) 6 Page - Rohm

Back Button CM105B105K16A Datasheet HTML 2Page - Rohm CM105B105K16A Datasheet HTML 3Page - Rohm CM105B105K16A Datasheet HTML 4Page - Rohm CM105B105K16A Datasheet HTML 5Page - Rohm CM105B105K16A Datasheet HTML 6Page - Rohm CM105B105K16A Datasheet HTML 7Page - Rohm CM105B105K16A Datasheet HTML 8Page - Rohm CM105B105K16A Datasheet HTML 9Page - Rohm CM105B105K16A Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/19
BDxxIA5WEFJ
Datasheet
TSZ02201-0R6R0A600440-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
Fig.5
Input sequence 1
Co=1µF
●Typical Performance Curves
(Unless otherwise noted, Ta=25℃, EN=3V, VCC=3.3V, R1=16kΩ, R2=7.5kΩ)
Fig.3
Transient Response (0→1.0A)
Co=1µF
Fig.4
Transient Response (1.0→0A)
Co=1µF
Fig.6
OFF sequence 1
Co=1µF
VO
VO
IO
IO
VEN
VEN
VCC
VCC
VO
VO


Similar Part No. - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
CM105B105K16A ROHM-CM105B105K16A Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
More results

Similar Description - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com