Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD50HC0WEFJ-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD50HC0WEFJ-E2
Description  1A Fixed Output LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD50HC0WEFJ-E2 Datasheet(HTML) 2 Page - Rohm

  BD50HC0WEFJ-E2 Datasheet HTML 1Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 2Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 3Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 4Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 5Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 6Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 7Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 8Page - Rohm BD50HC0WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/18
BDxxHC0WEFJ
Datasheet
TSZ02201-0R6R0A600330-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
28.Dec.2012 Rev.002
●Ordering Information
B
D
x
x
H
C
0
W
E
F
J
-
E 2
Part
Number
Output
voltage
15:1.5V
18:1.8V
25:2.5V
30:3.0V
33:3.3V
50:5.0V
60:6.0V
70:7.0V
Input
voltage
range
H:10V
Output
current
C0:1.0A
Shutdown
mode
“W”:Included
Package
EFJ:HTSOP-J8
Packaging and forming specification
E2:Emboss tape reel


Similar Part No. - BD50HC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD50HC0MEFJ-C ROHM-BD50HC0MEFJ-C Datasheet
2Mb / 32P
   Automotive 1.0 A LDO Regulator
BD50HC0MEFJ-LB ROHM-BD50HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD50HC0MEFJ-LBH2 ROHM-BD50HC0MEFJ-LBH2 Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD50HC0MEFJ-ME2 ROHM-BD50HC0MEFJ-ME2 Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD50HC0MEFJ-ME2 ROHM-BD50HC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD50HC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com