Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3S0680RB-TU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA3S0680RB-TU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3S0680RB-TU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA3S0680RB-TU Datasheet HTML 1Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 2Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 3Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 4Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 5Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 6Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 7Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 8Page - Fairchild Semiconductor KA3S0680RB-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.2
Features
• Wide operatimg frequency range up to (150kHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protecton (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
• External sync terminal
• Auto Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of
high voltage power SenseFET and current mode PWM
controller IC. controller IC features a trimmed oscillator,
under voltage lock out, leading edge blanking, optimized
gate turn-on/turn-off driver, thermal shut down protection,
over voltage protection, temperature compensated precision
current sources for loop compensation and fault protection
circuit. compared to discrete MOSFET and controller or
RCC switching converter solution, a Fairchild Power
Switch(FPS) can reduce total component count, design size,
weight and at the same time increase & efficiency,
productivity, and system reliability. It has a basic platform
well suited for cost effective C-TV power supply.
TO-3PF-5L
1.DRAIN 2.GND 3.VCC 4.FB 5.Sync
TO-3P-5L
1
1
Internal Block Diagram
#3 VCC
32V
2
µA
5V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#1 DRAIN
#2 GND
#4 FB
#5 Sync
9V
+
6.4V
KA3S0680RB/KA3S0680RFB
Fairchild Power Switch(FPS)


Similar Part No. - KA3S0680RB-TU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA3S0765R SAMSUNG-KA3S0765R Datasheet
322Kb / 8P
   SAMSUNG POWER SWITCH
logo
Fairchild Semiconductor
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0765R-TU FAIRCHILD-KA3S0765R-TU Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA3S0765R-YDTU FAIRCHILD-KA3S0765R-YDTU Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
logo
Samsung semiconductor
KA3S0765RF SAMSUNG-KA3S0765RF Datasheet
529Kb / 11P
   SAMSUNG POWER SWITCH
More results

Similar Description - KA3S0680RB-TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com