Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3843BD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA3843BD
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3843BD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA3843BD Datasheet HTML 1Page - Fairchild Semiconductor KA3843BD Datasheet HTML 2Page - Fairchild Semiconductor KA3843BD Datasheet HTML 3Page - Fairchild Semiconductor KA3843BD Datasheet HTML 4Page - Fairchild Semiconductor KA3843BD Datasheet HTML 5Page - Fairchild Semiconductor KA3843BD Datasheet HTML 6Page - Fairchild Semiconductor KA3843BD Datasheet HTML 7Page - Fairchild Semiconductor KA3843BD Datasheet HTML 8Page - Fairchild Semiconductor KA3843BD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA3842B/KA3843B/KA3844B/KA3845B
3
Electrical Characteristics
(VCC=15V, RT=10KΩ, CT=3.3nF, TA= 0°C to +70°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ = 25
°C, IREF = 1mA
4.90
5.00
5.10
V
Line Regulation
∆VREF
12V
≤VCC≤25V
-
6
20
mV
Load Regulation
∆VREF
1mA
≤IREF≤20mA
-
6
25
mV
Short Circuit Output Current
ISC
TA = 25
°C
-
-100
-180
mA
OSCILLATOR SECTION
Oscillation Frequency
f
TJ = 25
°C47
52
57
KHz
Frequency Change with Voltage
∆f/∆VCC
12V
≤VCC≤25V
-
0.05
1
%
Oscillator Amplitude
VOSC
-
-1.6
-
VP-P
ERROR AMPLIFIER SECTION
Input Bias Current
IBIAS
-
--0.1
-2
µA
Input Voltage
VI(E>A)
V1 = 2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
GVO
2V
≤ VO ≤4V
65
90
-
dB
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤25V
60
70
-
dB
Output Sink Current
ISINK
V2 = 2.7V, V1 = 1.1V
2
7
-
mA
Output Source Current
ISOURCE
V2 = 2.3V, V1 = 5V
-0.6
-1.0
-
mA
High Output Voltage
VOH
V2 = 2.3V, RL = 15K
Ω to GND
5
6
-
V
Low Output Voltage
VOL
V2 = 2.7V, RL = 15K
Ω to Pin 8
-
0.8
1.1
V
CURRENT SENSE SECTION
Gain
GV
(Note 1 & 2)
2.85
3
3.15
V/V
Maximum Input Signal
VI(MAX)
V1 = 5V(Note 1)
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤25V (Note 1)
-
70
-
dB
Input Bias Current
IBIAS
-
--3
-10
µA
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 20mA
-
0.08
0.4
V
ISINK = 200mA
-
1.4
2.2
V
High Output Voltage
VOH
ISOURCE = 20mA
13
13.5
-
V
ISOURCE = 200mA
12
13.0
-
V
Rise Time
tR
TJ = 25
°C, CL= 1nF (Note 3)
-
45
150
ns
Fall Time
tF
TJ = 25
°C, CL= 1nF (Note 3)
-
35
150
ns
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
VTH(ST)
KA3842B/KA3844B
14.5
16.0
17.5
V
KA3843B/KA3845B
7.8
8.4
9.0
V
Min. Operating Voltage
(After Turn On)
VOPR(MIN)
KA3842B/KA3844B
8.5
10.0
11.5
V
KA3843B/KA3845B
7.0
7.6
8.2
V


Similar Part No. - KA3843BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3843BD FAIRCHILD-KA3843BD Datasheet
125Kb / 10P
   SMPS Controller
logo
ON Semiconductor
KA3843BD ONSEMI-KA3843BD Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results

Similar Description - KA3843BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com