Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5330 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5330
Description  Stable, Closed-Loop Automatic Power Control for RF Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330 Datasheet(HTML) 3 Page - Analog Devices

  ADL5330 Datasheet HTML 1Page - Analog Devices ADL5330 Datasheet HTML 2Page - Analog Devices ADL5330 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Circuit Note
CN-0050
Rev. B | Page 3 of 3
On the underside of the ADL5330 and AD8318 chip scale
packages, there is an exposed compressed paddle. This paddle is
internally connected to the chip’s ground. Solder the paddle to
the low impedance ground plane on the printed circuit board to
ensure specified electrical performance and to provide thermal
relief. It is also recommended that the ground planes on all
layers under the paddle be stitched together with vias to reduce
thermal impedance.
COMMON VARIATIONS
This circuit can be used to implement a constant power out
function (fixed setpoint with variable input power) or a variable
power out function (variable setpoint with fixed or variable
input power). If a lower output power control range is desired,
the AD8318 log amp (60 dB power detection range) can be
replaced with either the AD8317 (50 dB power detection range)
or the AD8319 (45 dB power detection range). For a constant
output power function, the lowest dynamic range detector
(AD8319) is adequate because the loop always servos the
detector input power to a constant level.
The ADL5330 VGA, which is optimized for transmit applications,
can be replaced by the AD8368 VGA. The AD8368 is optimized
for receive application low frequencies of up to 800 MHz and
provides 34 dB of linear-in-dB voltage-controlled variable gain.
There are a number of DACs suitable for this application. All of
the following DACs have internal references:
Single: AD5660/AD5640/AD5620 (16-bit/14-bit/12-bit),
Dual: AD5663R/AD5643R/AD5623R (16-bit/14-bit/12-bit)
Quad: AD5664R/AD5644R/AD5624R (16-bit/14-bit/12-bit)
LEARN MORE
Dana Whitlow, Design and Operation of Automatic Gain Control
Loops for Receivers in Modern Communications Systems, Analog
Devices Wireless Seminar, Chapter 7, 2006.
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of “AGND” and “DGND,” Analog Devices.
MT-073 Tutorial, High Speed Variable Gain Amplifiers, Analog
Devices.
MT-077 Tutorial, Log Amp Basics, Analog Devices.
MT-078 Tutorial, High Speed Log Amps, Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.
Data Sheets
ADL5330
AD8318
AD8317
AD8319
ADL5330 Evaluation Board
AD8318 Evaluation Board
REVISION HISTORY
9/10—Rev. A to Rev. B
Changes to Figure 1 ..........................................................................1
Changes to Circuit Description Section.........................................1
Changes to Common Variations Section.......................................3
11/09—Rev. 0 to Rev. A
Updated Format ................................................................. Universal
Changes to Circuit Note Title..........................................................1
10/08—Revision 0: Initial Release
(Continued from first page) "Circuits from the Lab" are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the "Circuits from the Lab" in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or
use of the "Circuits from the Lab". Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without
warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no
responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the
right to change any "Circuits from the Lab" at any time without notice, but is under no obligation to do so. Trademarks and registered trademarks are the property of their respective
owners.
©2008–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08515-0-9/10(B)


Similar Part No. - ADL5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
   1 MHz - 3 GHz VGA with 60dB Gain Control Range
REV. A
ADL5330 AD-ADL5330 Datasheet
869Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5330 AD-ADL5330 Datasheet
678Kb / 24P
   VGA with Gain Control Range
ADL5330-EVAL AD-ADL5330-EVAL Datasheet
869Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5330-EVAL AD-ADL5330-EVAL Datasheet
678Kb / 24P
   VGA with Gain Control Range
More results

Similar Description - ADL5330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
   Precision RF Closed Loop Buffer
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Maxim Integrated Produc...
MAX2244 MAXIM-MAX2244 Datasheet
312Kb / 14P
   2.5GHz, 22dBm/20dBm Power Amplifiers with Analog Closed-Loop Power Control
19-2204; Rev 2; 8/03
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
List of Unclassifed Man...
RL-S12X-24PK-R1 ETC2-RL-S12X-24PK-R1 Datasheet
320Kb / 2P
   Closed loop design - requires zero maintenance for years.
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com