Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14A-20-16B16 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 14A-20-16B16
Description  Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

14A-20-16B16 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  14A-20-16B16 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 54643211 / 2 China 86 769 85538070 Taiwan 886 3 4641811
www.pulseeng.com
40
LT2007 (12/09)
Laminated transformers
Low Frequency, Open-Style Laminated,
International PC Plug-In Series
Part No.
VA
Secondary RMS Rating
PC Mount
(Size)
Series
Parallel
14A-2.5-10B1
2.5
10V C.T. @ 0.25A
5V @ 0.5A
14A-5.0-10B2
5
10V C.T. @ 0.5A
5V @ 1.0A
14A-10-10B3
10
10V C.T. @ 1.0A
5V @ 2.0A
14A-20-10B4
20
10V C.T. @ 2.0A
5V @ 4.0A
14A-30-10B5
30
10V C.T. @ 3.0A
5V @ 6.0A
14A-56-10B6
56
10V C.T. @ 5.6A
5V @ 11.2A
14A-2.5-12B7
2.5
12.6V C.T. @ 0.2A
6.3V @ 0.4A
14A-5.0-12B8
5
12.6V C.T. @ 0.4A
6.3V @ 0.8A
14A-10-12B9
10
12.6V C.T. @ 0.8A
6.3V @ 1.6A
14A-20-12B10
20
12.6V C.T. @ 1.6A
6.3V @ 3.2A
14A-30-12B11
30
12.6V C.T. @ 2.4A
6.3V @ 4.8A
14A-56-12B12
56
12.6V C.T. @ 4.4A
6.3V @ 8.8A
14A-2.5-16B13
2.5
16V C.T. @ 0.15A
8V @ 0.3A
14A-5.0-16B14
5
16V C.T. @ 0.31A
8V @ 0.62A
14A-10-16B15
10
16V C.T. @ 0.62A
8V @ 1.25A
14A-20-16B16
20
16V C.T. @ 1.25A
8V @ 2.5A
14A-30-16B17
30
16V C.T. @ 1.9A
8V @ 3.8A
14A-56-16B18
56
16V C.T. @ 3.5A
8V @ 7.0A
14A-2.5-20B19
2.5
20V C.T. @ 0.12A
10V @ 0.24A
14A-5.0-20B20
5
20V C.T. @ 0.25A
10V @ 0.5A
14A-10-20B21
10
20V C.T. @ 0.5A
10V @ 1.0A
14A-20-20B22
20
20V C.T. @ 1.0A
10V @ 2.0A
14A-30-20B23
30
20V C.T. @ 1.5A
10V @ 3.0A
14A-56-20B24
56
20V C.T. @ 2.8A
10V @ 5.6A
14A-2.5-24B25
2.5
24V C.T. @ 0.1A
12V@ 0.2A
14A-5.0-24B26
5
24V C.T. @ 0.21A
12V @ 0.42A
14A-10-24B27
10
24V C.T. @ 0.42A
12V @ 0.84A
14A-20-24B28
20
24V C.T. @ 0.83A
12V @1.66A
14A-30-24B29
30
24V C.T. @ 1.25A
12V @ 2.5A
14A-56-24B30
56
24V C.T. @ 2.33A
12V @ 4.66A
14A-2.5-28B31
2.5
28V C.T. @ 0.09A
14V @ 0.18A
14A-5.0-28B32
5
28V C.T. @ 0.18A
14V @ 0.36A
14A-10-28B33
10
28V C.T. @ 0.36A
14V @ 0.72A
14A-20-28B34
20
28V C.T. @ 0.72A
14V @ 1.44A
14A-30-28B35
30
28V C.T. @ 1.06A
14V @ 2.12A
14A-56-28B36
56
28V C.T. @ 2.0A
14V @ 4.0A
14A-2.5-36B37
2.5
36V C.T. @ 0.07A
18V @ 0.14A
14A-5.0-36B38
5
36V C.T. @ 0.14A
18V @ 0.28A
14A-10-36B39
10
36V C.T. @ 0.28A
18V @ 0.56A
14A-20-36B40
20
36V C.T. @ 0.56A
18V @ 1.12A
14A-30-36B41
30
36V C.T. @ 0.82A
18V @ 1.64A
14A-56-36B42
56
36V C.T. @ 1.56A
18V @ 3.12A
����
����
���
�������������������
� �
��
��
� �
���������������
��
��
mechanical
dimensions (inches)
schematic
��
��
VA
Wt.
L
W
H
A
B
C
D
E
F
Pin
E
(size)
(lb.)
Dim.
2.5
0.25
1.625
1.312
1.125
0.20
0.250
1.00
1.062
.025 SQ
#4
5
0.37
1.625
1.312
1.375
0.20
0.400
1.00
1.062
.025 SQ
#4
10
0.53
1.875
1.562
1.375
0.20
0.400
1.14
1.250
.038 SQ
#4
20
0.90
2.25
1.875
1.625
0.40
0.400
1.46
1.500
.038 SQ
#4
30
1.15
2.625
2.187
1.562
0.55
0.275
1.68
2.18
1.75
.045 SQ
#6
56
1.70
3.000
2.500
1.812
0.60
0.300
1.90
2.50
2.00
.045 SQ
#6
AgENCy
APPROVALS
n
UL, 506, File E73539
n
UL Recognized
Class B
n
UL 1446, File E179499
n
CSA 22.2#66,
File LR68051-2
n
TUV, EN61558
PC board plug-in mounting
Double reinforced insulation
Dual bobbin; high (4000V) primary to
secondary isolation
Non-concentric design - eliminates ESS and
reduces primary to secondary capacitance
No crossover between primary/secondary leads
Vacuum impregnated - withstands board washing
systems and reduces audible noise
Baked resin provides an environmentally-
resistant finish


Similar Part No. - 14A-20-16B16

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
14A-20-16 SUPERWORLD-14A-20-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - 14A-20-16B16

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
ST2-10B411 PULSE-ST2-10B411 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
logo
List of Unclassifed Man...
PL2.5-10-130B ETC2-PL2.5-10-130B Datasheet
2Mb / 2P
   International Laminated Power Transformers
logo
Pulse A Technitrol Comp...
ST2-10B41 PULSE-ST2-10B41 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com