Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5P0680C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA5P0680C
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5P0680C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA5P0680C Datasheet HTML 1Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 2Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 3Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 4Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 5Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 6Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 7Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 8Page - Fairchild Semiconductor KA5P0680C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.3
Features
• Adjustable Switching Frequency
• Intelligent Power Saving Mode
• Pulse by Pulse Current Limiting
• Over Current Latch Protection
• Over Voltage Protection
• Internal Thermal Shutdown Function
• Built-in Soft Start Function
• Internal High Voltage Sense FET
• Auto-Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of
high voltage power SenseFET and current mode PWM IC.
Included PWM controller features integrated fixed
oscillator, under voltage lock out, leading edge blanking,
optimized gate turn-on/turn-off driver, thermal shut down
protection, over voltage protection, and temperature
compensated precision current sources for loop
compensation and fault protection circuitry. compared to dis-
crete MOSFET and controller or RCC switching
converter solution, a Fairchild Power Switch(FPS) can
reduce total component count, design size, and weight and at
the same time increase efficiency, productivity, and system
reliability.It has a basic platform well suited for cost
effective design in PC SMPS with Power Saving function.
TO-220-5L
1. Drain 2. GND 3. VCC 4. FB 5. CT
1
Internal Block Diagram
GND
Vcc
Drain
Feedback
SenseFET
UVLO
Vref
R
BIAS
OSC
CLK
Shutdown Latch
POWER-ON
RESET
Rsense
S
R
Q
4
3
2
1
15V/9V
2.5V
GOOD LOGIC
VG
LIMIT
CIRCUIT
VG
Vs
5
Ct
SOFT-START
(5mS)/( 0 ~ 5V )
LEB
PS MODE
2.5R
0.5V
TSD
(Tj=170 ℃)
S
R
Q
OLP
(Vfb=7V)
OVP
(Vcc=27V)
AUTO
RESTART
S
R
Q
OCL
(Vs=1.1V)
2V
S
R
Q
1mS
VCC
VZ
VREF
VCC
5uA
900uA
0.7V
0.4V/0.6V
5uA
OUTPUT OFF
OUTPUT OFF
KA5P0680C
Fairchild Power Switch(FPS)


Similar Part No. - KA5P0680C

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
KA5013-AE COILCRAFT-KA5013-AE Datasheet
390Kb / 2P
   Shielded Power Inductor
KA5013-AEB COILCRAFT-KA5013-AEB Datasheet
390Kb / 2P
   Shielded Power Inductor
KA5013-AEC COILCRAFT-KA5013-AEC Datasheet
390Kb / 2P
   Shielded Power Inductor
KA5013-AED COILCRAFT-KA5013-AED Datasheet
390Kb / 2P
   Shielded Power Inductor
KA5013 COILCRAFT-KA5013_16 Datasheet
390Kb / 2P
   Shielded Power Inductor
More results

Similar Description - KA5P0680C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com