Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5902 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5902
Description  Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 3 Page - Analog Devices

  ADL5902 Datasheet HTML 1Page - Analog Devices ADL5902 Datasheet HTML 2Page - Analog Devices ADL5902 Datasheet HTML 3Page - Analog Devices ADL5902 Datasheet HTML 4Page - Analog Devices ADL5902 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0178
Rev. A| Page 3 of 5
The calibration is performed by applying four known signal
levels to the ADL5902 and measuring the corresponding output
codes from the ADC. The calibration points chosen should be
within the linear operating range of the device. In this example,
calibration points at 0 dBm, −20 dBm, −45 dBm, and −58 dBm
were used.
The SLOPE and INTERCEPT calibration coefficients are
calculated using the equations
SLOPE1 = ( CODE _1 – CODE_2)/(PIN_1 − PIN_2)
INTERCEPT1= CODE_1/(SLOPE_ADC × PIN_1)
This calculation is then repeated using CODE_2/CODE_3
and CODE_3/CODE_4 to calculate SLOPE2/INTERCEPT2
and SLOPE3/INTERCEPT3, respectively. The six calibration
coefficients should then be stored in NVM along with CODE_1,
CODE_2, CODE_3, and CODE_4.
When the circuit is in operation in the field, these calibration
coefficients are used to calculate an unknown input power level,
PIN, using the equation
PIN = (CODE/SLOPE) + INTERCEPT
In order to retrieve the appropriate SLOPE and INTERCEPT
calibration coefficients during circuit operation, the observed
CODE from the ADC must be compared to CODE_1, CODE_2,
CODE_3, and CODE_4. For example if the CODE from the
ADC is between CODE_1 and CODE_2, then the SLOPE1 and
INTERCEPT1 should be used. This step can also be used to
provide an underrange or overrange warning. For example, if
the CODE from the ADC is greater than CODE_1 or less than
CODE_4, it indicates that the measured power is outside of the
calibration range
Figure 3 also shows the transfer function variation of the circuit
vs. the above straight line equations. This error function is
caused by bending at the edges of the transfer function, small
ripple in the linear operating range, and drift over temperature.
The error is expressed in dB using the equation
Error (dB) = Calculated RF Power − True Input Power
= (CODE/SLOPE) + INTERCEPT – PIN_TRUE
Figure 3 also includes plots of error vs. temperature. In this case
the measured ADC codes at +85°C and −40°C are compared to
the straight line equations at ambient. This is consistent with a
real world system where system calibration is generally only
practical at ambient temperature.
Figure 4 and Figure 5 show the performance of the circuit at
1 GHz and 2.2 GHz, respectively.
4096
3755
3413
3072
2731
2389
2048
1707
1365
1024
683
341
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–70
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C CODE
–40°C CODE
+25°C CODE
+25°C ERROR 4-POINT CAL @ 0dBm,
–20dBm, –45dBm, AND, –58dBm
+85°C ERROR 4-POINT CAL
–40°C ERROR 4-POINT CAL
Figure 4. ADC Output Code and Error vs. RF Input Power @ 1 GHz
4096
3755
3413
3072
2731
2389
2048
1707
1365
1024
683
341
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–70
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C CODE
–40°C CODE
+25°C CODE
+25°C ERROR 4-POINT CAL @ 0dBm,
–20dBm, –45dBm, AND, –58dBm
+85°C ERROR 4-POINT CAL
–40°C ERROR 4-POINT CAL
Figure 5. ADC Output Code and Error vs. RF Input Power @ 2.2 GHz
The performance of this or any high speed circuit is highly
dependent on proper PCB layout. This includes, but is not
limited to, power supply bypassing, controlled impedance lines
(where required), component placement, signal routing, and
power and ground planes. (See MT-031 Tutorial, MT-101 Tutorial,
and article, A Practical Guide to High-Speed Printed-Circuit-
Board Layout, for more detailed information regarding PCB
layout.)
A complete design support package for this circuit note can be
found at www.analog.com/CN0178-DesignSupport.


Similar Part No. - ADL5902

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
More results

Similar Description - ADL5902

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0150 AD-CN-0150 Datasheet
247Kb / 5P
   Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
logo
ASM GmbH
9625 ASM-SENSOR-9625 Datasheet
1Mb / 4P
   POWER MEASUREMENT SUPPORT SOFTWARE
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com