Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03N1DPA-00-J5A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK03N1DPA-00-J5A
Description  30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03N1DPA-00-J5A Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK03N1DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03N1DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK03N1DPA
Preliminary
R07DS0782EJ0200 Rev.2.00
Page 3 of 6
Feb 12, 2013
Main Characteristics
0
2
468
10
50
40
30
20
10
0
12
3
4
5
10
3
1
30
300
1
10
100
1000
3
100
30
8 V
80
60
40
20
0
50
100
150
200
0.1
1
10
100
10
100
1000
1
0.1
DC
Operation
PW = 10 ms
1 ms
2.4 V
50
40
30
20
10
Case Temperature Tc ( °C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
10
μs
100
μs
Tc = 25 °C
1 shot Pulse
Operation in
this area is
limited by RDS(on)
Gate to Source Voltage VGS (V)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
VDS = 5 V
Pulse Test
VGS = 2.2 V
Tc = 75°C
25°C
–25°C
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Pulse Test
VGS = 4.5 V
2.5V
Pulse Test
2.3 V
120
90
60
30
0
36
9
12
10 A
5A
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
ID = 20 A
8 V
4.5 V


Similar Part No. - RJK03N1DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N0DPA RENESAS-RJK03N0DPA Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N0DPA-00-J5A RENESAS-RJK03N0DPA-00-J5A Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N2DPA RENESAS-RJK03N2DPA Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N2DPA-00-J5A RENESAS-RJK03N2DPA-00-J5A Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N3DPA RENESAS-RJK03N3DPA Datasheet
193Kb / 7P
   30V, 35A, 4.7m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03N1DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N0DPA RENESAS-RJK03N0DPA Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N5DPA RENESAS-RJK03N5DPA Datasheet
183Kb / 7P
   30V, 45A, 2.9m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N4DPA RENESAS-RJK03N4DPA Datasheet
210Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03H1DPA RENESAS-RJK03H1DPA_13 Datasheet
176Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET
RJK03N3DPA RENESAS-RJK03N3DPA Datasheet
193Kb / 7P
   30V, 35A, 4.7m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N2DPA RENESAS-RJK03N2DPA Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N6DPA RENESAS-RJK03N6DPA Datasheet
206Kb / 7P
   30V, 40A, 3.8m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com