Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0426.221NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG0426.221NL
Description  SMT POWER INDUCTORS Flat coils - PG0426NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0426.221NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG0426.221NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0426.221NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 54643211 / 2 • China 86 755 33966678 • Taiwan 886 3 4641811
www.pulseeng.com
56
SPM2007 (11/08)
smt POWer inductOrs
Flat Coils - PG0426NL Series
notes from tables
1. The temperature of the component (ambient plus temperature
rise) must be within the standard operating temperature range.
2. The saturation current, Isat, is the current at which the component
inductance drops by 30% (typical) at an ambient temperature of
25°C. This current is determined by placing the component in
the specified ambient environment and applying a short duration
pulse current (to eliminate self-heating effects) to the component.
3. The heating current, Idc, is the DC current required to raise the
component temperature by approximately 40°C. The heating
current is determined by mounting the component on a typical
PCB and applying current for 30 minutes. The temperature is
measured by placing the thermocouple on top of the unit under
test. Take note that the component’s performance varies depend-
ing on the system condition. It is suggested that the component
be tested at the system level, to verify the temperature rise of the
component during system operation.
4. Core loss approximation is based on published core data:
Core Loss = K1 * (f)1.33 * (K2DI)2.51
Where: Core Loss = in Watts
K1= 1.4E-11
f = switching frequency in kHz
K1 & K2 = core loss factors
DI = delta I across the component in Ampere
K2DI = one half of the peak to peak flux density
across the component in Gauss
5. Unless otherwise specified, all testing is made at
100kHz, 0.1VAC.
6. Optional Tape & Reel packaging can be ordered by adding
a “
T” suffix to the part number (i.e. PG0426.101NL becomes
PG0426.101NL
T). Pulse complies to industry standard tape and
reel specification EIA481.
���
�� �� �� �� �� �� �� �
�� �
�� �� �� �� ��
���
���
���
���
���
���
���
���
���
���
������������
������������
������������
������������
������������
�����������
�������������������������������������
����
����
����
����
����
����
����
����
���
���
���
���
���
���
���
���
���
����
���������������
����������������
��������������������������������������
������
������
������
������
������
����
��
��
��
��
���
���
��
��
��
��
��
��
��
��
�����������
������������
������������
������������
������������
������������
������������
������������
������������
������������
������������������������������������������������


Similar Part No. - PG0426.221NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0426.221NL PULSE-PG0426.221NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
PG0426.221NL PULSE-PG0426.221NL Datasheet
241Kb / 2P
   SMT Power Inductors
More results

Similar Description - PG0426.221NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
PG0083332NLT PULSE-PG0083332NLT Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
PG0077.142T PULSE-PG0077.142T Datasheet
135Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0077 and PG0084 Series
PG0006NL PULSE-PG0006NL Datasheet
215Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0006NL and PG0138NL Series
logo
TDK Electronics
NLCV32T-1R5M-EFD TDK-NLCV32T-1R5M-EFD Datasheet
255Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-R47M-EFRD TDK-NLCV25T-R47M-EFRD Datasheet
247Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-4R7M-EFRD TDK-NLCV25T-4R7M-EFRD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-2R2M-EFRD TDK-NLCV25T-2R2M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-220K-EFD TDK-NLCV25T-220K-EFD Datasheet
257Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-1R0M-EFRD TDK-NLCV25T-1R0M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com