Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5S12656 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA5S12656
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5S12656 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA5S12656 Datasheet HTML 1Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 2Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 3Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 4Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 5Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 6Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 7Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 8Page - Fairchild Semiconductor KA5S12656 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.2
Features
• Wide Operating Frequency Range Up to 150Khz
• Lowest Cost SMPS Solution
• Lowest External Components
• Low Start-up Current (max:170uA)
• Low Operating Current (max:12mA)
• Internal High Voltage SenseFET
• Over Voltage Protection With Latch Mode (Min23V)
• Over Load Protection With Latch Mode
• Over Current Protection With Latch Mode
• Internal Thermal Protection With Latch Mode
• Pulse By Pulse Over Current Limiting
• Under Voltage Lockout With Hysteresis
• External Sync. Terminal
TO-3P-5L
1. Drain 2. Gnd 3. VCC 4. FeedBack 5. Sync.
TO-220F-5L
1
1
TO-220-5L
1
Internal Block Diagram
+
-
-
+
+
-
+
-
VCC
Soft Start
& Sync
3
4
5
Vref
VCC UVLO
15/9V
Feedback
VREF
Vth.sy
7V
6V
4
µA
OSC
VREF
VCC
2.5V
R
0.95mA
OLP
(Vfb=7.5V)
TSD
(Tj=160
°C)
OVP
(VCC=25V)
OCP
(VS=1.1V)
1
µs Window
Open Circuit
Power-on Reset
(VCC=6.5V)
S
R
Q
Shutdown Latch
Voffset
S
R
Q
CLK
2.5V
Bias
VREF UVLO
1
2
Drain
GND
VS
SenseFET
Rsense
KA5S-SERIES
KA5S0765C/KA5S09654QT/KA5S0965/
KA5S12656/KA5S1265
Fairchild Power Switch(FPS)


Similar Part No. - KA5S12656

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5S12656 FAIRCHILD-KA5S12656 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S12656TU FAIRCHILD-KA5S12656TU Datasheet
213Kb / 16P
   Power Switch(FPS)
KA5S12656YDTU FAIRCHILD-KA5S12656YDTU Datasheet
213Kb / 16P
   Power Switch(FPS)
More results

Similar Description - KA5S12656

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com