Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9642 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9642
Description  High IF Sampling Receiver Front End with Band-Pass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 2 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CN-0279
Circuit Note
Rev. 0 | Page 2 of 5
An input signal of 1.5 dBm produces a full-scale 1.75 V p-p
differential signal at the ADC input.
The antialiasing filter is a third-order, Butterworth filter designed
with a standard filter design program. A Butterworth filter was
chosen because of its pass-band flatness. A third-order filter
yields an ac noise bandwidth ratio of 1.05 and can be designed
with the aid of several free filter programs such as Nuhertz
Technologies Filter Free, or the quite universal circuit simulator
(Qucs) free simulation.
To achieve best performance, load the ADL5565 with a net
differential load of 200 Ω. The 15 Ω series resistors isolate the
filter capacitance from the amplifier output, and the 100 Ω resistors
in parallel with the downstream impedance yield a net load
impedance of 217 Ω when added to the 30 Ω series resistance.
The 5 Ω resistors in series with the ADC inputs isolate internal
switching transients from the filter and the amplifier.
The 2.85 kΩ input impedance was determined using the down-
loadable spreadsheet on the AD9642 webpage. Simply use the
parallel track mode values at the center of the IF frequency of
interest. The spreadsheet shows both the real and imaginary values.
The third-order, Butterworth filter was designed with a source
impedance (differential) of 200 Ω, a load impedance (differential)
of 200 Ω, a center frequency of 127 MHz, and a 3 dB bandwidth
of 20 MHz. The calculated values from a standard filter design
program are shown in Figure 1. Because of the high values of
series inductance required, the 1.59 µH inductors were decreased
to 620 nH, and the 0.987 pF capacitors increased proportionally
to 2.53 pF, thereby maintaining the same resonant frequency of
127 MHz, with more realistic component values.
Figure 2. Starting Design for Third-Order, Differential Butterworth Filter with
ZS = 200 Ω, ZL = 200 Ω, FC = 127 MHz, and BW = 20 MHz
The internal 2.5 pF capacitance of the ADC was subtracted
from the value of the second shunt capacitor to yield a value of
37.3 pF. In the circuit, this capacitor was located near the ADC
to reduce/absorb the charge kickback.
The values chosen for the final filter passive components (after
adjusting for actual circuit parasitics) are shown in Figure 1.
The measured performance of the system is summarized in
Table 1, where the 3 dB bandwidth, 18 MHz centered at 127 MHz.
The total insertion loss of the network is approximately 5.8 dB. The
frequency response is shown in Figure 3, and the SNR and SFDR
performance are shown in Figure 4.
Table 1. Measured Performance of the Circuit
Performance Specifications at −1 dBFS
(FS = 1.75V p-p), Sample Rate = 205 MSPS
Final Results
Center Frequency
127 MHz
Pass-Band Flatness (118 MHz to 136 MHz)
3 dB
SNRFS at 127 MHz
71.7 dBFS
SFDR at 127 MHz
92 dBc
H2/H3 at 127 MHz
93 dBc/92 dBc
Overall Gain at 127 MHz
5.5 dB
Input Drive at 127 MHz
0.5 dBm (−1 dBFS)
Figure 3. Pass-Band Flatness Performance vs. Frequency
Figure 4. SNR/SFDR Performance vs. Frequency, Sample Rate = 205 MSPS
39.8pF
(2.53pF)
0.987pF
(2.53pF)
0.987pF
39.5nH
39.8pF
100Ω
200Ω
(620nH)
1.59µH
(620nH)
1.59µH
100Ω
+
39.5nH
–40
–35
–30
–25
–20
–15
–10
–5
0
ANALOG INPUT FREQUENCY (MHz)
50
250
200
150
100
300
50
55
60
65
70
75
80
85
90
95
118
120
122
124
126
128
130
132
134
136
ANALOG INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)


Similar Part No. - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
More results

Similar Description - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0268 AD-CN-0268 Datasheet
301Kb / 6P
   Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
logo
Advanced Crystal Techno...
ACTF2088 ACT-ACTF2088 Datasheet
338Kb / 2P
   IF band pass filter
ACTF2068 ACT-ACTF2068 Datasheet
330Kb / 2P
   IF band pass filter
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
   RF front-end for AM/FM DSP car-radio with IF sampling
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
   RF front-end for AM/FM DSP car-radio with IF sampling
logo
Analog Devices
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
   Digital Receiver Front-end
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com