Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSA50680RF Datasheet(PDF) 3 Page - Tyco Electronics

Part # HSA50680RF
Description  Aluminium Housed Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HSA50680RF Datasheet(HTML) 3 Page - Tyco Electronics

  HSA50680RF Datasheet HTML 1Page - Tyco Electronics HSA50680RF Datasheet HTML 2Page - Tyco Electronics HSA50680RF Datasheet HTML 3Page - Tyco Electronics HSA50680RF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specifications -
HSA5 - HSC150
HSC200 - HSC300
L
5.0
20.0
25.0
Thread M6
Type
L
HSA5, 10
7
HSA25, 50
10
HSC75, 100, 150
8
0.1 1
2
3
4
5
6
7
8
9 10 11 12 13 14 20 25 30 40 60
0 20
60
100
150
200
250
300
30
25
20
15
10
5
0
200
100
0
Duration of Overload (secs)
Power Dissipation (Watts)
This graph indicates the amount that the rated power (at 20°C) of the
standard HS Series resistor may be increased for overloads of 100mS to 60S
For resistor mounted on standard heatsink, related to power dissipation
HSA5
HSA10
HSA50
HSA25
HSC75
HSC100
HSC150
HSC200
HSC250
HSC300
Surface Temperature Rise
Power Overload
0.01
0.1
1
10
100
1000
10000
100000
Resistance (Ohms)
2000
1800
1600
1400
1200
1000
800
600
400
200
0
Pulse Energy HSC100 to HSC300
HSC100
HSC150
HSC200
HSC250
HSC300
Aluminium Housed Power Resistors
Type HS Series
1773035 CIS BI 10/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - HSA50680RF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HSA50680RF TEC-HSA50680RF Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
More results

Similar Description - HSA50680RF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
Welwyn Components Limit...
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
   Aluminium Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com