Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX08A-2PQG208A Datasheet(PDF) 2 Page - Actel Corporation

Part # A54SX08A-2PQG208A
Description  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX08A-2PQG208A Datasheet(HTML) 2 Page - Actel Corporation

  A54SX08A-2PQG208A Datasheet HTML 1Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 2Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 3Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 4Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 5Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 6Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 7Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 8Page - Actel Corporation A54SX08A-2PQG208A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
SX-A Family FPGAs
ii
v5.3
Ordering Information
Device Resources
Notes:
1. For more information about the CQFP package options, refer to the HiRel SX-A datasheet.
2. All –3 speed grades have been discontinued.
Package Lead Count
A54SX16A
PQ
208
2
Part Number
A54SX08A = 12,000 System Gates
A54SX16A = 24,000 System Gates
A54SX32A = 48,000 System Gates
A54SX72A = 108,000 System Gates
Speed Grade
Blank = Standard Speed
–1 = Approximately 15% Faster than Standard
–2 = Approximately 25% Faster than Standard
–3 = Approximately 35% Faster than Standard
2
–F = Approximately 40% Slower than Standard
Package Type
BG = 1.27 mm Plastic Ball Grid Array
FG = 1.0 mm Fine Pitch Ball Grid Array
PQ = Plastic Quad Flat Pack
TQ = Thin (1.4 mm) Quad Flat Pack
CQ = Ceramic Quad Flat Pack
1
Application (Temperature Range)
Blank = Commercial (0 to +70°)
I
= Industrial (-40 to +85°C)
A
= Automotive (-40 to +125°C)
M = Military (-55 to +125°C)
B
= MIL-STD-883 Class B
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
User I/Os (Including Clock Buffers)
Device
208-Pin
PQFP
100-Pin
TQFP
144-Pin
TQFP
176-Pin
TQFP
329-Pin
PBGA
144-Pin
FBGA
256-Pin
FBGA
484-Pin
FBGA
A54SX08A
130
81
113
111
A54SX16A
175
81
113
111
180
A54SX32A
174
81
113
147
249
111
203
249
A54SX72A
171
203
360
Notes: Package Definitions: PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, PBGA = Plastic Ball Grid Array,
FBGA = Fine Pitch Ball Grid Array


Similar Part No. - A54SX08A-2PQG208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX08A-2PQ208 ETC1-A54SX08A-2PQ208 Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX08A-2PQ208A ETC1-A54SX08A-2PQ208A Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX08A-2PQ208B ETC1-A54SX08A-2PQ208B Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX08A-2PQ208I ETC1-A54SX08A-2PQ208I Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX08A-2PQ208M ETC1-A54SX08A-2PQ208M Datasheet
720Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX08A-2PQG208A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com