Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA75XXX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA75XXX
Description  Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA75XXX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA75XXX Datasheet HTML 1Page - Fairchild Semiconductor KA75XXX Datasheet HTML 2Page - Fairchild Semiconductor KA75XXX Datasheet HTML 3Page - Fairchild Semiconductor KA75XXX Datasheet HTML 4Page - Fairchild Semiconductor KA75XXX Datasheet HTML 5Page - Fairchild Semiconductor KA75XXX Datasheet HTML 6Page - Fairchild Semiconductor KA75XXX Datasheet HTML 7Page - Fairchild Semiconductor KA75XXX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA75XXX
2
Absolute Maximum Rating (TA=25
°°°°C)
Electrical Characteristics (TA=25
°°°°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
0.3 ~ +15.0
V
Detecting Voltage
VDET
2.5/2.7/2.9/3.1
3.3/3.6/3.9/4.2/4.5
V
Hysteresis Voltage
VHYS
50
mV
Operating Temperature
TOPR
-25 ~ +85
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Power Dissipation
TO-92
SOT-89
PD
200
500
mW
Detecting Voltage Temperature Coefficient
∆VDET/∆TRL = 200Ω, +0.01
%/
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Detecting Voltage
VDET
KA75250
KA75270
KA75290
KA75310
KA75330
KA75360
KA75390
KA75420
KA75450
2.35
2.55
2.75
2.95
3.15
3.45
3.75
4.05
4.35
2.5
2.7
2.9
3.1
3.3
3.6
3.9
4.2
4.5
2.65
2.85
3.05
3.25
3.45
3.75
4.05
4.35
4.65
V
Low Output Voltage
VOL
RL = 200
--
0.4
V
Output Leakage Current
ILKG
VCC = 15V
-
-
0.1
uA
Hysteresis Voltage
VHYS
RL = 200
30
50
100
mV
Detecting Voltage Temperature
Coefficient
∆VDET/∆TRL = 200Ω
-
±0.01
-
%/
°C
Circuit Current(At On Time)
ICCL
VCC = VDET(MIN) -0.05V
-
300
500
uA
Circuit Current(At Off Time)
ICCH
VCC = 5.25V
-
30
50
uA
Threshold Operating Voltage
VTH(OPR)
RL = 200
Ω, VOL ≤ 0.4V
-
0.8
1.0
V
" L"± Transmission Delay Time
TOL
RL = 1.0k
Ω, CL= 100pF
0.6
10
-
us
" H"± Transmission Delay Time
TOH
RL = 1.0k
Ω, CL = 100pF
-
15
20
us
Output Current (At On Time)
IOLI
VCC = VDET(MIN) -0.05V,
TA = 25
°C
10
20
30
mA
Output Current (At On Time)
IOLII
VCC = VDET(MIN) - 0.05V
TA = -25 ~ +85
°C
816
30
mA
RL= 200
VOL
≤ 0.4V


Similar Part No. - KA75XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA7500 ETC2-KA7500 Datasheet
630Kb / 6P
   Variable Dead-Time Provides Control over Total Range Internal
logo
Estek Electronics Co. L...
KA7500 ESTEK-KA7500 Datasheet
630Kb / 6P
   single monolithic chip
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
logo
Fairchild Semiconductor
KA7500B FAIRCHILD-KA7500B Datasheet
59Kb / 8P
   SMPS Controller
logo
Samsung semiconductor
KA7500BD SAMSUNG-KA7500BD Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
More results

Similar Description - KA75XXX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com