Electronic Components Datasheet Search |
|
NQB-500DWB-DBNJ-000-ESA Datasheet(PDF) 1 Page - CUI INC |
|
NQB-500DWB-DBNJ-000-ESA Datasheet(HTML) 1 Page - CUI INC |
1 / 36 page cui.com date 02/20/2013 page 1 of 36 SERIES: NQB-D │ DESCRIPTION: FULLY REGULATED ADVANCED BUS CONVERTERS FEATURES • quarter-brick with digital PMBus interface 57.9 x 36.8 x 11.3 mm (2.28 x 1.45 x 0.445 in) • industry standard 5-pins for intermediate bus architectures • industry-leading power density for telecom and datacom 127~141W / sq. in • high efficiency, typ. 96.4% at half load, 12 Vout • fully regulated advanced bus converter from 36~75Vin • 2,250 Vdc input to output isolation • fast feed forward regulation to manage line transients • optional baseplate for high temperature applications • droop load sharing with 10% current share accuracy • PMBus Revision 1.2 compliant • 2.9 million hours MTBF • ISO 9001/14001 certified supplier • Ericsson BMR453 & BMR456 compatible MODEL input voltage output voltage output current output wattage (Vdc) (Vdc) max (A) max (W) NQB-420DWA-AN 36~75 12 35 420 NQB-468DMA-AN 40~60 12 39 468 NQB-415DWB-AN 36~75 12.45 35 415 NQB-462DMB-AN 40~60 12.45 39 462 GENERAL CHARACTERISTICS • configurable soft start/stop • precision delay and ramp-up • voltage margining • voltage/current/temperature monitoring • configurable output voltage • configurable fault response • power good |
Similar Part No. - NQB-500DWB-DBNJ-000-ESA |
|
Similar Description - NQB-500DWB-DBNJ-000-ESA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |