Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD750L2EFJ-CE2 Datasheet(PDF) 8 Page - Rohm

Part # BD750L2EFJ-CE2
Description  Ultra Low Quiescent Current LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD750L2EFJ-CE2 Datasheet(HTML) 8 Page - Rohm

Back Button BD750L2EFJ-CE2 Datasheet HTML 4Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 5Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 6Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 7Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 8Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 9Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 10Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 11Page - Rohm BD750L2EFJ-CE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Datasheet
Datasheet
.
8/31
TSZ02201-0T2T0AN00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
BD7xxL2EFJ/FP/FP2/FP3-C
14.Mar.2013 Rev.003
●Typical Performance Curves
■BD733L2EFJ/FP/FP2/FP3-C Reference data
Unless otherwise specified: -40 < Ta < +125°C, VCC=13.5V, IOUT=0mA
Figure 5. Bias current
Figure 8. Output voltage vs. Load
Figure 6. Output voltage vs. Supply voltage
IOUT=10mA
Figure 7. Output voltage vs. Supply voltage
IOUT=100mA
0
1
2
3
4
5
6
0
1020
3040
50
SUPPLY VOLTAGE : VCC[V]
0
1
2
3
4
5
6
0
1020
3040
50
SUPPLY VOLTAGE : VCC[V]
0
1
2
3
4
5
6
0
200
400
600
800
1000
OUTPUT CURRENT : IOUT[mA]
-40°C
25°C
125°C
-40°C
25°C
125°C
-40°C
25°C
125°C
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
SUPPLY VOLTAGE : VCC[V]
-40℃
25℃
125℃


Similar Part No. - BD750L2EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD750L2EFJ-CE2 ROHM-BD750L2EFJ-CE2 Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
More results

Similar Description - BD750L2EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
   Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com