Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT125 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT125
Description  Quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT125 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT125_13 Datasheet HTML 1Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 2Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 3Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 4Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 5Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 6Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 7Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 8Page - NXP Semiconductors 74ABT125_13 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74ABT125 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive.
The 74ABT125 device is a quad buffer that is ideal for driving bus lines. The device
features four Output Enables (1OE, 2OE, 3OE, 4OE), each controlling one of the 3-state
outputs.
2.
Features and benefits
Quad bus interface
3-state buffers
Live insertion and extraction permitted
Output capability: HIGH
−32 mA; LOW +64 mA
Power-up 3-state
Inputs are disabled during 3-state mode
Latch-up protection exceeds 500 mA per JESD78 class II level A
ESD protection:
HBM JESD22-A114E exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74ABT125
Quad buffer; 3-state
Rev. 04 — 27 April 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT125N
−40 °C to +85 °C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74ABT125D
−40 °C to +85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ABT125DB
−40 °C to +85 °C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74ABT125PW
−40 °C to +85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74ABT125BQ
−40 °C to +85 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Similar Part No. - 74ABT125_13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT125BQ NEXPERIA-74ABT125BQ Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
Fairchild Semiconductor
74ABT125CMTC FAIRCHILD-74ABT125CMTC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT125CMTC FAIRCHILD-74ABT125CMTC Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
74ABT125CMTCX_NL FAIRCHILD-74ABT125CMTCX_NL Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
74ABT125CSC FAIRCHILD-74ABT125CSC Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74ABT125_13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
   Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
   Quad buffer 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com