Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD733L5FP-CE2 Datasheet(PDF) 2 Page - Rohm

Part # BD733L5FP-CE2
Description  Ultra Low Quiescent Current LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD733L5FP-CE2 Datasheet(HTML) 2 Page - Rohm

  BD733L5FP-CE2 Datasheet HTML 1Page - Rohm BD733L5FP-CE2 Datasheet HTML 2Page - Rohm BD733L5FP-CE2 Datasheet HTML 3Page - Rohm BD733L5FP-CE2 Datasheet HTML 4Page - Rohm BD733L5FP-CE2 Datasheet HTML 5Page - Rohm BD733L5FP-CE2 Datasheet HTML 6Page - Rohm BD733L5FP-CE2 Datasheet HTML 7Page - Rohm BD733L5FP-CE2 Datasheet HTML 8Page - Rohm BD733L5FP-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Datasheet
Datasheet
2/18
TSZ02201-T2T0AN00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2.Oct.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD7xxL5FP-C
●Ordering Information
B
D
7
x
x
L
5
F
P
-
C
E
2
●Pin Configuration
●Pin Description
●Block Diagram
Pin No.
Pin Name
Function
1
VCC
Supply voltage input pin
2
N.C.
N.C.
3
VOUT
Output pin
Fin
GND
GND
PREREG
VREF
DRIVER
OCP
GND(FIN)
VCC(1PIN)
N.C.
VOUT(3PIN)
TSD
Figure 3. Pin Configuration
Figure 4. Block Diagram
(※N.C. terminals are not need to connect to GND.)
Package
FP: TO252-3
Taping
E2: reel-wound
embossed tamping
Output Voltage
33: 3.3V
50: 5.0V
1
2
3
TO252-3
(TOP VIEW)


Similar Part No. - BD733L5FP-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
1,000Kb / 23P
   Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
More results

Similar Description - BD733L5FP-CE2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
   Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
BD733L2EFJ-CE2 ROHM-BD733L2EFJ-CE2 Datasheet
1Mb / 34P
   Ultra Low Quiescent Current LDO Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com