Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD52E49 Datasheet(PDF) 6 Page - Rohm

Part # BD52E49
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD52E49 Datasheet(HTML) 6 Page - Rohm

Back Button BD52E49 Datasheet HTML 2Page - Rohm BD52E49 Datasheet HTML 3Page - Rohm BD52E49 Datasheet HTML 4Page - Rohm BD52E49 Datasheet HTML 5Page - Rohm BD52E49 Datasheet HTML 6Page - Rohm BD52E49 Datasheet HTML 7Page - Rohm BD52E49 Datasheet HTML 8Page - Rohm BD52E49 Datasheet HTML 9Page - Rohm BD52E49 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Datasheet
6/12
BD52Exxx-M series
BD53Exxx-M series
TSZ02201-0R7R0G300090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.004
www.rohm.com
TSZ22111
15
001
Typical Performance Curves
Figure.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
8
9 10
VDD SUPPLY VOLTAGE
VDD[V]
【BD5242G/FVE】
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
VDS[V]
【BD5242G/FVE】
VDD=2.4V
VDD=1.2V
Figure.4 “Low” Output Current
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
DRAIN-SOURCE VOLTAGE
VDS[V]
【BD 5342G/FVE】
VDD=8.0V
VDD=6.0V
VDD=4.8V
Figure.5 “High” Output Current
Figure.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
VDD[V]
【BD5242G/FVE】
Ta=25
Ta=25
BD52E42G-M
BD53E42G-M
BD53E42G-M
BD52E42G-M
BD53E42G-M
BD52E42G-M
BD53E42G-M


Similar Part No. - BD52E49

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52E49 ROHM-BD52E49 Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E49G ROHM-BD52E49G Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD52E49

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com