Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E203SD1V9RE Datasheet(PDF) 3 Page - C&K Components

Part # E203SD1V9RE
Description  E Series Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E203SD1V9RE Datasheet(HTML) 3 Page - C&K Components

  E203SD1V9RE Datasheet HTML 1Page - C&K Components E203SD1V9RE Datasheet HTML 2Page - C&K Components E203SD1V9RE Datasheet HTML 3Page - C&K Components E203SD1V9RE Datasheet HTML 4Page - C&K Components E203SD1V9RE Datasheet HTML 5Page - C&K Components E203SD1V9RE Datasheet HTML 6Page - C&K Components E203SD1V9RE Datasheet HTML 7Page - C&K Components E203SD1V9RE Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
F–19
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
E Series
Sealed Miniature Toggle Switches
SWITCH FUNCTION
ACTUATOR
BUSHING
?
Gloss plastic
Chrome finish
*
*
*
1/4-40 UNS-2A
PANEL MOUNTING
3PDT
2-1,5-4,8-7
N/A
2-3,5-6,8-9
ON
NONE
ON
E301
3P
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
C&K marking on opposite side
C&K marking on opposite side
Terminal Nos.
For Reference Only
3PDT
Part number shown: E301SD1CBE
MOM. = Momentary
All models
with all options when ordered with G, R, Q or S contact material except with F1 conductive bushing.
** Wiring for 3-way switch, see Section N.
* Actuators shown with standard D1 bushing. Subtract .030 (0,76) for D9 bushing. Subtract .100 (2,54) for Y bushing.
Standard when ordered with
A, A3, AV2, AV3, V2-V61 terminations.
Finish: Chrome.
E3XX models not available with D9 bushing.
NOTE: Internal o-ring actuator seal standard for
all bushing options.
Standard when ordered with
C, Z, Z3, W & W4 terminations.
Finish: Chrome
Other colors available, consult Customer
Service Center. No color choice required
for S & M actuators.
ESD protection depends on proper grounding of switch
support bracket. F1 conductive bushing option is
impregnated with carbon fibers; dissipates electrostatic
discharge (ESD) up to 20,000 V from actuator to ground.
Available with M & S actuator options and A, A3, AV2,
AV3, V3-V61 termination options.
Available only with C, Z, Z3, & W terminations.
Available for 1&2 pole only.
Hardware: One dress nut part number 299D01201,
one hex nut part number 540400201 and lockwasher
part number 700303202 supplied standard.
Will withstand 4 in.-lbs. of torque with no distortion.
M
.300" HIGH
S
.500" HIGH
L3
PLASTIC, .940" HIGH
D1
.250" HIGH, UNTHREADED
F1
ESD CONDUCTIVE BUSHING,
.250" HIGH, UNTHREADED
D9
.280" HIGH, UNTHREADED
Y
THREADED, INSULATED, .350" HIGH
WITH KEYWAY
L3 ACTUATOR COLOR
OPTION
CODE
ACTUATOR COLOR
ACTUATOR
F1 bushing is not
UL/CSA approved
2
BLACK


Similar Part No. - E203SD1V9RE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E203 GILWAY-E203 Datasheet
85Kb / 2P
   T-1 3/4 Bi-Color LEDs (Very Bright)
logo
MicroPower Direct, LLC
E203 MPD-E203 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E203 CK-COMPONENTS-E203 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E203 CK-COMPONENTS-E203 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E203 CK-COMPONENTS-E203 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E203SD1V9RE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com