Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90538EFJ-CE2 Datasheet(PDF) 11 Page - Rohm

Part # BD90538EFJ-CE2
Description  2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90538EFJ-CE2 Datasheet(HTML) 11 Page - Rohm

Back Button BD90538EFJ-CE2 Datasheet HTML 7Page - Rohm BD90538EFJ-CE2 Datasheet HTML 8Page - Rohm BD90538EFJ-CE2 Datasheet HTML 9Page - Rohm BD90538EFJ-CE2 Datasheet HTML 10Page - Rohm BD90538EFJ-CE2 Datasheet HTML 11Page - Rohm BD90538EFJ-CE2 Datasheet HTML 12Page - Rohm BD90538EFJ-CE2 Datasheet HTML 13Page - Rohm BD90538EFJ-CE2 Datasheet HTML 14Page - Rohm BD90538EFJ-CE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/20
Datasheet
Datasheet
BD9053xEFJ-C Series
TSZ02201-0T1T0AL00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
20 .SEP.2012 Rev.002
www.rohm.com
TSZ22111・15・001
The characteristics below are reference data which are measured with the typical application circuit as shown in Figure 1
Also, these characteristics are influenced by the external components and board layout.
Figure 23. Loop response
(BD90535EFJ-C, VIN=5V, IOUT=3A)
Figure 24. Start-up waveform
(BD90535EFJ-C, VIN=5V, MODE=3.3V)
Figure 25. Load response
(BD90535EFJ-C, VIN=5V, MODE=0V)
Figure 26. Load response
(BD90535EFJ-C, VIN=5V, MODE=3.3V)
VOUT(50mV/div)
IOUT(2A/div)
VOUT(50mV/div)
IOUT(2A/div)


Similar Part No. - BD90538EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90538EFJ-C ROHM-BD90538EFJ-C Datasheet
904Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results

Similar Description - BD90538EFJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90532EFJ-C ROHM-BD90532EFJ-C Datasheet
904Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90535EFJ-C ROHM-BD90535EFJ-C Datasheet
806Kb / 21P
   2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
BD90571EFJ-C ROHM-BD90571EFJ-C Datasheet
623Kb / 22P
   2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-2 LINER-LTC3548-2 Datasheet
243Kb / 16P
   Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com