Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD203 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD203
Description  SILCON EPITAXIAL-BASE POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD203 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD203 Datasheet HTML 1Page - Comset Semiconductor BD203 Datasheet HTML 2Page - Comset Semiconductor BD203 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BD201 – BD203
18/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff Current
VCE=30 V, IB=0V
BD201
-
-
0.2
mA
BD203
ICBO
Collector Cutoff Current
VCB=40 V, IE=0V
Tj=150°C
BD201
-
-
1
mA
BD203
IEBO
Emitter Cutoff Current
VBE=5 V, IC=0
BD201
-
-
0.5
mA
BD203
VCBO
Collector-Base Breakdown
Voltage
IC=1 m A, IE= 0
BD201
60
-
-
V
BD203
VCEO
Collector Emitter
Breakdown Voltage (*)
IC=200 m A, IB= 0
BD201
45
-
-
V
BD203
60
-
-
VEBO
Emitter Base Breakdown
Voltage
IE =1 mA, IC =0
BD201
5
-
-
V
BD203
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3 A, IB=300 mA
BD201
-
-
1
V
BD203
IC=6 A, IB=600 mA
BD201
-
-
1.5
BD203
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=6 A, IB=600 mA
BD201
-
-
2
BD203
VBE
Base Emitter Voltage (*)
IC=3 A, VCE=2 V
BD201
-
-
1.5
V
BD203
hFE
DC Current Gain (*)
IC=3 A, VCE=2 V
BD201
30
-
-
-
IC=2 A, VCE=2 V
BD203
30
-
-
fhfe
Cut-off frequency
IC=300 mA, VCE=3 V
BD201
25
-
-
KHz
BD203
fT
Transition frequency
IC=300 mA, VCE=3 V
f= 1MHz
BD201
7
-
-
MHz
BD203
Is/b
Forward bias second
breakdown collector
current
VCE=40 V,tp= 0.1 s
Tamb= 25 °C
BD201
1.5
-
-
A
BD203
hFE1/hFE2
DC current gain
IC=1 A, VCE=2 V
BD201
2.5
-
-
-
BD203
ton
Turn-on time
ICon=2 A
IBon = -IBoff =200 mA
BD201
-
-
1
µs
BD203
Toff
Turn-off time
BD201
-
-
4
BD203
(*) Pulse conditions : tp < 300
µs, δ =2%


Similar Part No. - BD203

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD203 CDIL-BD203 Datasheet
54Kb / 2P
   Medium Power Switching and Amplifier Applications
logo
General Semiconductor
BD203 GE-BD203 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Inchange Semiconductor ...
BD203 ISC-BD203 Datasheet
115Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BD203 SAVANTIC-BD203 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BD203 COMSET-BD203 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
More results

Similar Description - BD203

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BD201 COMSET-BD201 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
Micro Electronics
BD241 MICRO-ELECTRONICS-BD241 Datasheet
97Kb / 2P
   NPN SILCON EPITAXIAL BASE POWER TRANSISTORS
logo
Comset Semiconductor
BD202 COMSET-BD202 Datasheet
194Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSITORS
BUX84 COMSET-BUX84 Datasheet
97Kb / 3P
   SILCON DIFFUSED POWER TRANSISTORS
logo
List of Unclassifed Man...
MPS-A63 ETC1-MPS-A63 Datasheet
42Kb / 2P
   SILCON DARLINGTON TRANSISTORS
logo
NXP Semiconductors
BD941 PHILIPS-BD941 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
BD941F PHILIPS-BD941F Datasheet
289Kb / 6P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Comset Semiconductor
2N3713 COMSET-2N3713_12 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
2N3789 COMSET-2N3789_12 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com