Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BH30FB1WHFV-TR Datasheet(PDF) 6 Page - Rohm

Part No. BH30FB1WHFV-TR
Description  Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30FB1WHFV-TR Datasheet(HTML) 6 Page - Rohm

  BH30FB1WHFV-TR Datasheet HTML 1Page - Rohm BH30FB1WHFV-TR Datasheet HTML 2Page - Rohm BH30FB1WHFV-TR Datasheet HTML 3Page - Rohm BH30FB1WHFV-TR Datasheet HTML 4Page - Rohm BH30FB1WHFV-TR Datasheet HTML 5Page - Rohm BH30FB1WHFV-TR Datasheet HTML 6Page - Rohm BH30FB1WHFV-TR Datasheet HTML 7Page - Rohm BH30FB1WHFV-TR Datasheet HTML 8Page - Rohm BH30FB1WHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
It is recommended to insert bypass capacitors between input and GND pins, positioning them as close to the pins as
possible. These capacitors will be used when the power supply impedance increases or when long wiring routes are used, so
they should be checked once the IC has been mounted.
Ceramic capacitors generally have temperature and DC bias characteristics. When selecting ceramic capacitors, use X5R or
X7R or better models that offer good temperature and DC bias characteristics and high torelant voltages.
Input capacitor
To prevent oscillation at the output, it is recommended that the IC be operated at the stable region show in below Fig. It
operates at the capacitance of more than 1.0
μF. As capacitance is larger, stability becomes more stable and characteristic of
output load fluctuation is also improved.
Output capacitor
Examples of ceramic capacitor characteristics
0
120
100
80
60
40
20
0
1234
50V torelance
10V torelance
DC bias Vdc (V)
-25
120
100
80
60
40
20
0
0
255075
Y5V
X7R
X5R
Temperature (
°C)
0
100
95
90
85
80
75
70
1234
50V torelance
10V torelance
16V torelance
DC bias Vdc (V)
Fig. 29: Capacitance -bias characteristics (Y5V)
Fig. 30: Capacitance -bias characteristics (X5R, X7R)
Fig. 31: Capacitance–temperature characteristics
(X5R, X7R, Y5V)
100
10
1
0.1
0.01
0
100
200
300
Output current IOUT(mA)
Cout=1.0
μF
Cin=1.0
μF
Ta=+25
°C
BH
LB1WHFV/WG
BH
MA3WHFV
Fig. 32 BH
LB1WHFV/WG
Stable operating region characteristics (Example)
100
10
1
0.1
0.01
0
50
100
150
Output current IOUT(mA)
Cout=1.0
μF
Ta=+25
°C
BH
FB1WHFV/WG
Fig. 33 BH
FB1WHFV/WG
Stable operating region characteristics (Example)
100
10
1
0.1
0.01
0
50
100
150
Output current IOUT(mA)
Cout=2.2
μF
Ta=+25
°C
Stable region
Stable region
Stable region
The IC incorporates a built-in over current protection circuit that operates according to the output current capacity. This circuit
serves to protect the IC from damage when the load is shorted. The protection circuits use fold-back type current limiting and
are designed to limit current flow by not latching up in the event of a large and instantaneous current flow originating from a
large capacitor or other component. These protection circuits are effective in preventing damage due to sudden and
unexpected accidents. However, the IC should not be used in applications characterized by the continuous operation or
transitioning of the protection circuits.
• Over current protection circuit
This system has a built-in thermal shutdown circuit for the purpose of protecting the IC from thermal damage. As shown
above, this must be used within the range of power dissipation, but if the power dissipation happens to be continuously
exceeded, the chip temperature increases, causing the thermal shutdown circuit to operate. When the thermal shutdown
circuit operates, the operation of the circuit is suspended. The circuit resumes operation immediately after the chip
temperature decreases, so the output repeats the ON and OFF states. There are cases in which the IC is destroyed due to
thermal runaway when it is left in the overloaded state. Be sure to avoid leaving the IC in the overloaded state.
• Thermal shutdown circuit
Other precautions
Use caution when using the IC in the presence of a strong magnetic field as such environments may occasionally cause the chip
to malfunction.
• Actions in strong magnetic fields
In applications where the IC may be exposed to back current flow, it is recommended to create a route t dissipate this current
by inserting a bypass diode between the VIN and VOUT pins.
• Back current
Ensure a minimum GND pin potential in all operating conditions.
In addition, ensure that no pins other than the GND pin carry a voltage less than or equal to the GND pin, including during
actual transient phenomena.
• GND potential
Fig. 34 BH
MA3WHFV
Stable operating region characteristics (Example)
16V torelance
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn