Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78RH33 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA78RH33
Description  Semi Low Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78RH33 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA78RH33 Datasheet HTML 1Page - Fairchild Semiconductor KA78RH33 Datasheet HTML 2Page - Fairchild Semiconductor KA78RH33 Datasheet HTML 3Page - Fairchild Semiconductor KA78RH33 Datasheet HTML 4Page - Fairchild Semiconductor KA78RH33 Datasheet HTML 5Page - Fairchild Semiconductor KA78RH33 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Fixed Output Voltage of +3.3V
• Space Saving SMD types of DPAK
• 1V(Typ) Dropout at Io=800mA
• Output Current of 800mA
• Thermal Shutdown Protection
• Over Current Protection
• Output trimmed to +/-1% Tolerance
• No minimum Load Requirement
Description
The KA78RH33 is a +3.3V fixed Low Dropout Voltage
Regulator specifically designed for use in low voltage oper-
ation. The maximum load current is 0.8A and the dropout
voltage is guaranteed to be 1V(Typ). The Dropout Voltage
varies with load current. The regulator consists of compos-
ite PNP-NPN pass transistors.
D-PAK
1. GND 2. Vout
3.Vin
1
Internal Block Diagram
3.Vin
2.Vout
1.GND
CURRENT
GENERATOR
PROTECTION
CIRCUIT
KA78RH33
Semi Low Dropout Voltage Regulator


Similar Part No. - KA78RH33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RH33R FAIRCHILD-KA78RH33R Datasheet
188Kb / 5P
   Low Dropout Voltage Regulator
KA78RH33RTF FAIRCHILD-KA78RH33RTF Datasheet
188Kb / 5P
   Low Dropout Voltage Regulator
KA78RH33RTM FAIRCHILD-KA78RH33RTM Datasheet
188Kb / 5P
   Low Dropout Voltage Regulator
More results

Similar Description - KA78RH33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com