Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03P6DPA-00-J5A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK03P6DPA-00-J5A
Description  Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03P6DPA-00-J5A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJK03P6DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 8Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 9Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RJK03P6DPA
Preliminary
R07DS0905EJ0110 Rev.1.10
Page 6 of 10
Nov 01, 2012
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
Vin
15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAS =
L
• I
AP
2
2
1
VDSS
VDSS – VDD
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Rg
3
1
0.3
0.1
0.03
0.01
1 m
10 m
100 m
1
10
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 12.5°C/W, Tc = 25°C
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Avalanche Test Circuit
Avalanche Waveform
Switching Time Test Circuit
Switching Time Waveform


Similar Part No. - RJK03P6DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03P0DPA RENESAS-RJK03P0DPA Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P0DPA-00-J5A RENESAS-RJK03P0DPA-00-J5A Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P7DPA RENESAS-RJK03P7DPA Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P7DPA-00-J5A RENESAS-RJK03P7DPA-00-J5A Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03P6DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03R4DPA RENESAS-RJK03R4DPA Datasheet
287Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P0DPA RENESAS-RJK03P0DPA Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com