Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0451DPB-00-J5 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK0451DPB-00-J5
Description  40V, 35A, 7.0m max. Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0451DPB-00-J5 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK0451DPB-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 5Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 6Page - Renesas Technology Corp RJK0451DPB-00-J5 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK0451DPB
Preliminary
R07DS0073EJ0200 Rev.2.00
Page 4 of 6
Apr 09, 2013
Case Temperature Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
20
16
12
8
4
–25
0
25
50
75
100
125
150
0
VGS = 4.5 V
10 V
Pulse Test
ID = 17.5 A
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
25
20
15
10
5
25
50
75
100
125
150
0
IAP = 17.5 A
VDD = 15 V
duty < 0.1 %
Rg
≥ 50 Ω
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
Pulse Test
5 V
VGS = 0 V
10 V
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
010
40
30
20
10000
1000
100
10
VGS = 0 V
f = 1 MHz
Crss
Coss
Ciss
Gate Charge Qg (nC)
Dynamic Input Characteristics
50
40
30
20
10
0
20
16
12
8
4
10
20
30
40
50
0
0
ID = 35 A
VGS
VDS
VDD = 25 V
10 V
VDD = 25 V
10 V


Similar Part No. - RJK0451DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0451DPB-00-J5 RENESAS-RJK0451DPB-00-J5 Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0451DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0451DPB RENESAS-RJK0451DPB_15 Datasheet
108Kb / 7P
   40V, 35A, 7.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0652DPB RENESAS-RJK0652DPB_15 Datasheet
108Kb / 7P
   60V, 35A, 7.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0652DPB RENESAS-RJK0652DPB_13 Datasheet
108Kb / 7P
   60V, 35A, 7.0m max. Silicon N Channel Power MOS FET Power Switching
RJK0856DPB RENESAS-RJK0856DPB_15 Datasheet
154Kb / 7P
   80V, 35A, 8.9m??max. Silicon N Channel Power MOS FET Power Switching
RJK0856DPB RENESAS-RJK0856DPB Datasheet
153Kb / 7P
   80V, 35A, 8.9m max. Silicon N Channel Power MOS FET Power Switching
Apr 11, 2013
RJK0655DPB RENESAS-RJK0655DPB_15 Datasheet
158Kb / 7P
   60V, 35A, 6.7m??max. Silicon N Channel Power MOS FET Power Switching
RJK0655DPB RENESAS-RJK0655DPB Datasheet
158Kb / 7P
   60V, 35A, 6.7m max. Silicon N Channel Power MOS FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_15 Datasheet
152Kb / 7P
   40V, 40A, 4.9m??max. Silicon N Channel Power MOS FET Power Switching
RJK0455DPB RENESAS-RJK0455DPB_13 Datasheet
153Kb / 7P
   40V, 45A, 3.8m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com