Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX18 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX18
Description  PNP SILICON TRANSISTOR EPITAXIAL BASE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX18 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX18_12 Datasheet HTML 1Page - Comset Semiconductor BDX18_12 Datasheet HTML 2Page - Comset Semiconductor BDX18_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BDX18 – BDX18N
05/10/2012
COMSET SEMICONDUCTORS
1 | 3
P
PN
NP
P S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
R E
EP
PIIT
TA
AX
XIIA
AL
L B
BA
AS
SE
E
LF Large Signal Power Amplification
High Current Switching
Thermal Fatigue Inspection
Compliance to RoHS
Applications :
• Series and shunt regulators
• High Fidelity Amplifiers
• Power-switching circuits
• Solenoid drivers
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX18
-60
V
BDX18N
VCER
Collector-Emitter
Voltage
RBE=100Ω
BDX18
-70
V
BDX18N
-65
VEBO
Collector-Emitter Voltage
BDX18
-7
V
BDX18N
VCBO
Emitter-Base Voltage
BDX18
-100
V
BDX18N
-70
VCEX
Collector-Emitter
Voltage
VBE=+1.5 V
BDX18
-90
V
BDX18N
-70
IC
Collector Current
BDX18
-15
A
BDX18N
IB
Base Current
BDX18
-7
A
BDX18N
PT
Power Dissipation
@ TC = 25°
117
W
TJ
Junction Temperature
-65 to +200
°C
TS
Storage Temperature


Similar Part No. - BDX18_12

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX18A SEME-LAB-BDX18A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
List of Unclassifed Man...
BDX18N ETC-BDX18N Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18N COMSET-BDX18N Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX18N SEME-LAB-BDX18N Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
BDX18N NJSEMI-BDX18N Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results

Similar Description - BDX18_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Toshiba Semiconductor
2SA814 TOSHIBA-2SA814 Datasheet
102Kb / 2P
   SILICON PNP EPITAXIAL BASE MESA TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com