Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX18 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX18
Description  PNP SILICON TRANSISTOR EPITAXIAL BASE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX18 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX18 Datasheet HTML 1Page - Comset Semiconductor BDX18 Datasheet HTML 2Page - Comset Semiconductor BDX18 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BDX18 – BDX18N
05/10/2012
COMSET SEMICONDUCTORS
2 | 3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=200 mA
IB=0
BDX18
-60
-60
-
-
V
BDX18N
VCEX(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=-100 mA
VBE=1.5 V
BDX18
-90
-
-
V
BDX18N
-70
-
-
VCER(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=-200 mA
RBE=100 Ω
BDX18
-70
-
-
V
BDX18N
-65
-
-
ICEX
Collector-Emitter
Cutoff Current
VCE=-90 V
VBE=1.5 V
BDX18
-
-
-5
mA
VCE=-60 V, VBE=1.5 V
TCASE=150°C
-10
VCE=-70 V
VBE=1.5 V
BDX18N
-
-
-5
VCE=-60 V, VBE=1.5 V
TCASE=150°C
-
-
-10
IEBO
Emitter-Base Cutoff
Current
VEB=-7 V
BDX18
-
-
-5
mA
BDX18N
VBE
Base-Emitter Voltage
(*)
IC=-4.0 A, VCE=-4.0V
BDX18
-
-
-1.8
V
BDX18N
VCE(SAT)
Collector-Emitter
Saturation Voltage
IC=-4.0 A, IB=-0.4V
BDX18
-
-
-1.1
V
BDX18N
fT
Transition Frequency
IC =-1A, VCE=-10 V
f=1 MHz
BDX18
-
4
-
MHz
BDX18N
h21E
Static Forward Current
Transfer Ratio (*)
VCE=-4.0 V, IC=-4.0 A
BDX18
20
-
70
-
BDX18N
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit


Similar Part No. - BDX18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Savantic, Inc.
BDX18 SAVANTIC-BDX18 Datasheet
110Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX18 SEME-LAB-BDX18 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDX18 ISC-BDX18 Datasheet
129Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BDX18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Toshiba Semiconductor
2SA814 TOSHIBA-2SA814 Datasheet
102Kb / 2P
   SILICON PNP EPITAXIAL BASE MESA TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com