Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-6664RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS1-6664RH-Q
Description  Radiation Hardened 8kx8 CMOS PROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-6664RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS1-6664RH-Q Datasheet HTML 1Page - Intersil Corporation HS1-6664RH-Q Datasheet HTML 2Page - Intersil Corporation HS1-6664RH-Q Datasheet HTML 3Page - Intersil Corporation HS1-6664RH-Q Datasheet HTML 4Page - Intersil Corporation HS1-6664RH-Q Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Burn-In Circuits
HS1-6664RH 28 LEAD (8kx8 PROM DIP)
HS9-6664RH 28 LEAD (8kx8 PROM FLATPACK)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
P
G
E1
A12
NC
NC
NC
NC
NC
VDD
NC
NC
NC
NC
NC
NC
VSS = GND
STATIC CONFIGURATION
NOTES:
Power Supply:
1.
VDD = 5.5V (Min)
Resistors = 10k
Ω ± 10%
2.
HS1-6664RH 28 LEAD (8kx8 PROM DIP)
HS9-6664RH 28 LEAD (8kx8 PROM FLATPACK)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
P
G
E1
A12
LOAD
LOAD
LOAD
NC
NC
VDD
NC
LOAD
LOAD
LOAD
LOAD
LOAD
VSS = GND
F9
F10
F12
F0
F11
F0
F6
F5
F4
F3
F2
F1
F13
F8
F7
OUT
VDD/2
10k
Ω
LOAD:
DYNAMIC CONFIGURATION
NOTES:
Power Supply: VDD = 5.5V (Min)
3.
VIH = VDD to VDD-1.0V
4.
VIL = 0.0V to 0.8V
5.
Resistors = 10k
Ω ± 10%
6.
F0 = 100kHz
± 10%, 50% Duty Cycle
7.
F1 = F0/2; F2 = F1/2; F3 = F2/2; F4 = F3/2; F5 = F4/2; . . .
8.
F13 = F12/2
Irradiation Circuit
HS1-6664RH 28 LEAD (8kx8 PROM DIP)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
P
G
E1
A12
NC
NC
VDD
NC
VDD = GND
NOTES:
Power Supply:
9.
VDD = 5.5V ±
±0.5V
All Resistors = 47k
Ω ± 10%
10.
3
HS-6664RH


Similar Part No. - HS1-6664RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-6617RH INTERSIL-HS1-6617RH Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS1-6617RH INTERSIL-HS1-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
HS1-6617RH-8 INTERSIL-HS1-6617RH-8 Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
HS1-6617RH-8 INTERSIL-HS1-6617RH-8 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS1-6617RH-Q INTERSIL-HS1-6617RH-Q Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - HS1-6664RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
   Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
logo
Cypress Semiconductor
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com