Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7660A
Description  CMOS Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7660A Datasheet HTML 3Page - Intersil Corporation ICL7660A Datasheet HTML 4Page - Intersil Corporation ICL7660A Datasheet HTML 5Page - Intersil Corporation ICL7660A Datasheet HTML 6Page - Intersil Corporation ICL7660A Datasheet HTML 7Page - Intersil Corporation ICL7660A Datasheet HTML 8Page - Intersil Corporation ICL7660A Datasheet HTML 9Page - Intersil Corporation ICL7660A Datasheet HTML 10Page - Intersil Corporation ICL7660A Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN3072.7
October 10, 2005
Typical Applications
Simple Negative Voltage Converter
The majority of applications will undoubtedly utilize the ICL7660
and ICL7660A for generation of negative supply voltages.
Figure 13 shows typical connections to provide a negative
supply negative (GND) for supply voltages below 3.5V.
The output characteristics of the circuit in Figure 13A can be
approximated by an ideal voltage source in series with a
resistance as shown in Figure 13B. The voltage source has
a value of -V+. The output impedance (RO) is a function of
the ON resistance of the internal MOS switches (shown in
Figure 12), the switching frequency, the value of C1 and C2,
and the ESR (equivalent series resistance) of C1 and C2. A
good first order approximation for RO is:
RSW, the total switch resistance, is a function of supply
voltage and temperature (See the Output Source Resistance
graphs), typically 23
Ω at 25°C and 5V. Careful selection of
C1 and C2 will reduce the remaining terms, minimizing the
output impedance. High value capacitors will reduce the
1/(fPUMP • C1) component, and low ESR capacitors will
lower the ESR term. Increasing the oscillator frequency will
reduce the 1/(fPUMP • C1) term, but may have the side effect
of a net increase in output impedance when C1 > 10µF and
there is no longer enough time to fully charge the capacitors
FIGURE 14. OUTPUT RIPPLE
FIGURE 15. PARALLELING DEVICES
FIGURE 16. CASCADING DEVICES FOR INCREASED OUTPUT VOLTAGE
A
t2
t1
B
0
-(V+)
V
1
2
3
4
8
7
6
5
ICL7660
V+
C1
ICL7660A
1
2
3
4
8
7
6
5
ICL7660
C1
ICL7660A
RL
+
-
C2
“n”
“1”
1
2
3
4
8
7
6
5
V+
1
2
3
4
8
7
6
5
+
-
10
µF
+
-
10
µF
+
-
10
µF
+
-
10
µF
VOUT = -nV+
ICL7660
ICL7660A
“n”
ICL7660
ICL7660A
“1”
RO 2(RSW1 + RSW3 + ESRC1) +
2(RSW2 + RSW4 + ESRC1) +
1
+ ESRC2
(fPUMP) (C1)
(fPUMP =
fOSC
, RSWX = MOSFET switch resistance)
2
Combining the four RSWX terms as RSW, we see that:
RO
2 (RSW) +
1
+ 4 (ESRC1) + ESRC2
(fPUMP) (C1)
RO 2(RSW1 + RSW3 + ESRC1) +
ICL7660, ICL7660A


Similar Part No. - ICL7660A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660A INTERSIL-ICL7660A Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660A INTERSIL-ICL7660A Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
ICL7660A INTERSIL-ICL7660A Datasheet
280Kb / 11P
   Simple Conversion of 5V Logic Supply to 짹5V Supplies
ICL7660A INTERSIL-ICL7660A Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660A INTERSIL-ICL7660A Datasheet
280Kb / 11P
   CMOS Voltage Converters
More results

Similar Description - ICL7660A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660AIBAZA INTERSIL-ICL7660AIBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
ICL7660ACBAZA INTERSIL-ICL7660ACBAZA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Renesas Technology Corp
ICL7660 RENESAS-ICL7660 Datasheet
514Kb / 11P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
ICL7662 MAXIM-ICL7662 Datasheet
330Kb / 8P
   CMOS Voltage Converters
19-1292; Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
277Kb / 11P
   CMOS Voltage Converters
October 10, 2005
logo
Tiger Electronic Co.,Lt...
ICL7660 TGS-ICL7660 Datasheet
200Kb / 10P
   CMOS Voltage Converters
logo
Maxim Integrated Produc...
SI7661CSA MAXIM-SI7661CSA Datasheet
969Kb / 8P
   CMOS Voltage Converters
Rev 2; 7/96
logo
Intersil Corporation
ICL7660CBA INTERSIL-ICL7660CBA Datasheet
280Kb / 11P
   CMOS Voltage Converters
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com