Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5349G-TR Datasheet(PDF) 10 Page - Rohm

Part # BD5349G-TR
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5349G-TR Datasheet(HTML) 10 Page - Rohm

Back Button BD5349G-TR Datasheet HTML 6Page - Rohm BD5349G-TR Datasheet HTML 7Page - Rohm BD5349G-TR Datasheet HTML 8Page - Rohm BD5349G-TR Datasheet HTML 9Page - Rohm BD5349G-TR Datasheet HTML 10Page - Rohm BD5349G-TR Datasheet HTML 11Page - Rohm BD5349G-TR Datasheet HTML 12Page - Rohm BD5349G-TR Datasheet HTML 13Page - Rohm BD5349G-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Datasheet
10/13
BD52xx series
BD53xx series
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Application Information
Explanation of Operation
For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as
threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VOUT terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. Please refer to the Timing Waveform and Electrical
Characteristics for information on hysteresis. Because the BD52xx series uses an open drain output type, it is necessary to
connect a pull-up resistor to VDD or another power supply if needed [The output “High” voltage (VOUT) in this case becomes
VDD or the voltage of the other power supply].
Fig.15 (BD52xxType Internal Block Diagram)
Fig.16 (BD53xxType Internal Block Diagram)
Setting of Detector Delay Time
It is possible to set the delay time at the rise of VDD using a capacitor connected to the Ct terminal.
Delay time at the rise of VDD tPLH
Time until when Vout rise to 1/2 of VDD after VDD rise up and beyond the release
voltage(VDET+∆VDET)
tPLH = -CCT×RCT×ln
CCT:
CT pin External Capacitance
RCT:
CT pin Internal Impedance
Please refer to Electrical Characteristics.
VCTH:
CT pin Threshold Voltage
Please refer to Electrical Characteristics.
ln :
Natural Logarithm
Reference Data of Falling Time (tPHL) Output
Examples of Falling Time (tPHL) Output
Part Number
tPHL[µs] -40°C
tPHL[µs] ,+25°C
tPHL[µs],+105°C
BD5227
30.8
30
28.8
BD5327
26.8
26
24.8
*This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
Timing Waveforms
Example: the following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in
Figure.15 and 16).
1
When the power supply is turned on, the output is unstable
from after over the operating limit voltage (VOPL) until tPHL.
Therefore it is possible that the reset signal is not outputted when
the rise time of VDD is faster than tPHL.
2
When VDD is greater than VOPL but less than the reset release
voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT)
voltages will switch to L.
3
If VDD exceeds the reset release voltage (VDET+∆VDET), then
VOUT switches from L to H (with a delay due to the CT terminal).
4
If VDD drops below the detection voltage (VDET) when the
power supply is powered down or when there is a power supply
fluctuation, VOUT switches to L (with a delay of tPHL).
5
The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (∆VDET). The
system is designed such that the output does not toggle with
power supply fluctuations within this hysteresis width, preventing
malfunctions due to noise.
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q1
VOUT
RESET
RL
VDD
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q2
VOUT
RESET
Q1
VDD
VDD-VCTH
VDD
VDD
VDET+
Δ
VDET
VDET
VOPL
0V
1/2 VDD
tPHL
tPLH
tPHL
tPLH
VCT
VOUT
Fig.17 Timing Waveform


Similar Part No. - BD5349G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5349G-TR ROHM-BD5349G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5349G-TR ROHM-BD5349G-TR Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5349G-TR ROHM-BD5349G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5349G-TR ROHM-BD5349G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5349G-TR ROHM-BD5349G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5349G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com