Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2110AR4Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL2110AR4Z
Description  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2110AR4Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL2110AR4Z Datasheet HTML 1Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 2Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 3Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 4Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 5Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 6Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 7Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 8Page - Intersil Corporation ISL2110AR4Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6295.6
March 8, 2012
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.1
6.6
7.1
5.8
7.4
V
VDD Threshold Hysteresis
VDDH
-0.6
-
-
-
V
HB Rising Threshold
VHBR
5.5
6.1
6.8
5.0
7.1
V
HB Threshold Hysteresis
VHBH
-0.6
-
-
-
V
BOOT STRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.5
0.6
-
0.7
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.7
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.1
0.18
-
0.25
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD - VLO
-
0.16
0.23
-
0.3
V
Peak Pull-Up Current
IOHL
VLO = 0V
-
3
-
-
-
A
Peak Pull-Down Current
IOLL
VLO = 12V
-
4
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.1
0.18
-
0.25
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB - VHO
-
0.16
0.23
-
0.3
V
Peak Pull-Up Current
IOHH
VHO = 0V
-
3
-
-
-
A
Peak Pull-Down Current
IOLH
VHO = 12V
-
4
-
-
-
A
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 9)
MAX
(Note 9)
Switching Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C
to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 9)
MAX
(Note 9)
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-
32
50
-
60
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-
32
50
-
60
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-
39
50
-
60
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-
38
50
-
60
ns
Delay Matching: Upper Turn-Off to Lower Turn-On
tMON
1
8
-
-
16
ns
Delay Matching: Lower Turn-Off to Upper Turn-On
tMOFF
1
6
-
-
16
ns
Either Output Rise Time (10% to 90%)
tRC
CL = 1nF
-
9
-
-
-
ns
Either Output Fall Time (90% to 10%)
tFC
CL = 1nF
-
7.5
-
-
-
ns
Either Output Rise Time (3V to 9V)
tR
CL = 0.1µF
-
0.3
0.4
-
0.5
µs
Either Output Fall Time (9V to 3V)
tF
CL = 0.1µF
-
0.19
0.3
-
0.4
µs
Minimum Input Pulse Width that Changes the Output
tPW
-
-
-
-
50
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10
-
-
-
ns
ISL2110, ISL2111


Similar Part No. - ISL2110AR4Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2110AR4Z INTERSIL-ISL2110AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2110AR4Z RENESAS-ISL2110AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

Similar Description - ISL2110AR4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com