Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62773IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL62773IRZ
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62773IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL62773IRZ Datasheet HTML 3Page - Intersil Corporation ISL62773IRZ Datasheet HTML 4Page - Intersil Corporation ISL62773IRZ Datasheet HTML 5Page - Intersil Corporation ISL62773IRZ Datasheet HTML 6Page - Intersil Corporation ISL62773IRZ Datasheet HTML 7Page - Intersil Corporation ISL62773IRZ Datasheet HTML 8Page - Intersil Corporation ISL62773IRZ Datasheet HTML 9Page - Intersil Corporation ISL62773IRZ Datasheet HTML 10Page - Intersil Corporation ISL62773IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ISL62773
7
March 7, 2012
FN8263.0
Pin Configuration
ISL62773
(48 LD QFN)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37
BOOTX
VIN
BOOT2
UGATE2
PHASE2
LGATE2
VDDP
VDD
PWM_Y
LGATE1
PHASE1
UGATE1
ISEN2_NB
NTC_NB
IMON_NB
SVC
VR_HOT_L
SVD
VDDIO
SVT
ENABLE
PWROK
IMON
NTC
GND PAD
(BOTTOM)
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
ISEN2_NB
Individual current sensing for Channel 2 of the Northbridge VR. When ISEN2_NB is pulled to +5V, the
controller will disable Channel 2 and the Northbridge VR will run single-phase.
2
NTC_NB
Thermistor input to VR_HOT_L circuit to monitor Northbridge VR temperature.
3
IMON_NB
Northbridge output current monitor. A current proportional to the Northbridge VR output current is
sourced from this pin.
4SVC
Serial VID clock input from the CPU processor master device.
5
VR_HOT_L
Thermal indicator signal to AMD CPU. Thermal overload open drain output indicator active LOW.
6
SVD
Serial VID data bi-directional signal from the CPU processor master device to the VR.
7
VDDIO
VDDIO is the processor memory interface power rail and this pin serves as the reference to the controller
IC for this processor I/O signal level.
8
SVT
Serial VID Telemetry (SVT) data line input to the CPU from the controller IC. Telemetry and VID-on-the-fly
complete signal provided on from this pin.
9
ENABLE
Enable input. A high level logic on this pin enables both VRs.
10
PWROK
System power good input. When this pin is high, the SVI 2 interface is active and the I2C protocol is
running. While this pin is low, the SVC and SVD input states determine the pre-PWROK metal VID. This
pin must be low prior to the ISL62773 PGOOD output going high per the AMD SVI 2.0 Controller
Guidelines.
11
IMON
Core output current monitor. A current proportional to the Core VR output current is sourced from this pin.
12
NTC
Thermistor input to VR_HOT_L circuit to monitor Core VR temperature.
13
ISEN3
ISEN3 is the individual current sensing for Channel 3. When ISEN3 is pulled to +5V, the controller disables
Channel 3, and the Core VR runs in two-phase mode.


Similar Part No. - ISL62773IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62773IRZ INTERSIL-ISL62773IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL62773IRZ RENESAS-ISL62773IRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773IRZ-T INTERSIL-ISL62773IRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL62773IRZ-TS2705 INTERSIL-ISL62773IRZ-TS2705 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL62773IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com