Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT800 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Continued
Pin
No.
Name
Type
Description
9
VCCIO
P
I/O power supply, connect a 0.1uF decoupling
capacitor. Support 1.8V, 2.5V or 3.3V.
Note: VCCIO supply to IO pads from pin 3 to 12 only.
10
MODE
I
Host interface SPI(pull low) or I2C(pull up) mode select
input, 3.3V tolerant
Pad powered from pin VCCIO.
11
INT_N
OD
Host Interrupt, open drain output, active low, pull up to
VCCIO through a 1kΩ ~10kΩ resistor.
12
PD_N
I
Power down input, active low, 3.3V tolerant, pull up to
VCCIO through 47kΩ resistor and 100nF to ground.
Pad powered from pin VCCIO.
13
X1/ CLK
I
Crystal oscillator or clock input; Connect to GND if not
used.
3.3V peak input allowed.
Pad powered from pin VCC.
14
X2
O
Crystal oscillator output; leave open if not used.
Pad powered from pin VCC.
15
GND
P
Ground
16
VCC
P
3.3V power supply input.
17
VCC1V2
O
1.2V regulator output pin. Connect a 4.7uF decoupling
capacitor to GND.
18
VCC
P
3.3V power supply input.
19
X+
AI/O
Connect to X right electrode of 4-wire touch-screen
panel.
Pad powered from pin VCC.
20
Y+
AI/O
Connect to Y top electrode of 4-wire touch-screen
panel.
Pad powered from pin VCC.
21
X-
AI/O
Connect to X left electrode of 4-wire touch-screen
panel.
Pad powered from pin VCC.
22
Y-
AI/O
Connect to Y bottom electrode of 4-wire touch-screen
panel.
Pad powered from pin VCC.
23
GND
P
Ground


Similar Part No. - FT800

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT800DL POWEREX-FT800DL Datasheet
174Kb / 4P
   Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-10 POWEREX-FT800DL-10 Datasheet
174Kb / 4P
   Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-12 POWEREX-FT800DL-12 Datasheet
174Kb / 4P
   Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-16 POWEREX-FT800DL-16 Datasheet
174Kb / 4P
   Phase Control SCR 800 Amperes Avg 200-1200 Volts
FT800DL-20 POWEREX-FT800DL-20 Datasheet
174Kb / 4P
   Phase Control SCR 800 Amperes Avg 200-1200 Volts
More results

Similar Description - FT800

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
   Embedded Video Engine Plus module
Version 1.2
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
   Advanced Embedded Video Engine Datasheet
Version 1.1
logo
List of Unclassifed Man...
FT81X ETC-FT81X Datasheet
1Mb / 63P
   FT81X Embedded Video Engine Datasheet
Version 1.4
logo
Future Technology Devic...
VM800C FTDI-VM800C Datasheet
1Mb / 22P
   Embedded Video Engine Credit Card Board
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com