Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX45 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX45
Description  SILICON PLANAR DARLINGTON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX45 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX45_12 Datasheet HTML 1Page - Comset Semiconductor BDX45_12 Datasheet HTML 2Page - Comset Semiconductor BDX45_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BDX45 – BDX46 – BDX47
24/10/2012
COMSET SEMICONDUCTORS
1 | 3
SILICON PLANAR DARLINGTON TRANSISTORS
The BDX45, BDX46 and BDX47 are silicon PNP planar Darlington transistors and are
mounted in Jedec TO-126 plastic package.
They are intented for use in industrial switching applications.
The complementary NPN types are the BDX42, BDX43 and BDX44 respectively.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
- VCBO
Collector-Base Voltage
BDX45
60
V
BDX46
80
BDX47
90
- VCER
Collector-EmitterVoltage
BDX45
45
V
BDX46
60
BDX47
80
- VEBO
Emitter-Base Voltage
5
V
- IC
Collector Current
- IC
1
A
- ICM
2
- IB
Base Current
0.1
A
PT
Power Dissipation
@ TC = 25°
1.25
W
TJ
Junction Temperature
150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to Ambient
100
K/W
RthJ-mb
Thermal Resistance, Junction to Mounting base
10


Similar Part No. - BDX45_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDX45 PHILIPS-BDX45 Datasheet
65Kb / 8P
   PNP Darlington transistors
1997 Jul 02
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX45 NJSEMI-BDX45 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
More results

Similar Description - BDX45_12

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42 Datasheet
197Kb / 3P
   SILICON PLANAR DARLINGTON TRANSISTORS
logo
Micro Electronics
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
   COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BD875 SIEMENS-BD875 Datasheet
211Kb / 8P
   NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
   SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FZTA64 ZETEX-FZTA64 Datasheet
58Kb / 2P
   PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com