Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VA800A-SPI Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # VA800A-SPI
Description  Embedded Video Engine Credit Card Board
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VA800A-SPI Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VA800A-SPI Datasheet HTML 5Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 6Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 7Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 8Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 9Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 10Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 11Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 12Page - Future Technology Devices International Ltd. VA800A-SPI Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
J4 – SP-
Audio speaker -ve from the onboard amplifier.
J5- SPI Interface
This is the interface where the SPI control and data signals are routed. There are also power and
ground pins on this interface. Note J5 is not soldered on the VM800C board by default.
Pin No.
Name
Type
Description
1
SCLK
I
SPI Clock input
2
MOSI
I
Master Out Slave in
3
MISO
O
Master In Slave out
4
CS#
I
Chip select , active low
5
INT#
OD
Host interrupt open drain output, active low.
On board 47k
Ω pull-up to 3.3V.
6
PD#
I
Active low power down input.
7
5V
P
5V power supply
8
3.3V
P
3.3V power supply
9
GND
P
Ground
10
GND
P
Ground
Table 3-6 – J5 Pinout
JP1- Audio Amplifier Power Select
This jumper provides the option to select the power supply voltage for the onboard power amplifier.
Pin No.
Name
1-2
3V3 selected
2-3
5V selected
Table 3-7 – JP1 Pin options
*This needs to be configured before audio can be heard
JP2 – On board amplifier enable
Solder connection fitted by default
JP3 - On board amplifier mute
Solder connection not fited by default
SW1 – Power source select
Pin No.
Name
1-2
Power from CN1
2-3
Power from CN2
Table 3-8 – JP1 Pin options


Similar Part No. - VA800A-SPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VA800A-SPI ETC2-VA800A-SPI Datasheet
915Kb / 20P
   VM810C EVE2 CREDIT CARD MODULE
logo
Bridgetek Pte Ltd.
VA800A-SPI BRIDGETEK-VA800A-SPI Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
More results

Similar Description - VA800A-SPI

ManufacturerPart #DatasheetDescription
logo
Bridgetek Pte Ltd.
VM816C BRIDGETEK-VM816C Datasheet
1Mb / 20P
   Embedded Video Engine Credit Card Board
Version 1.0
logo
Future Technology Devic...
FT810Q-X FTDI-FT810Q-X Datasheet
2Mb / 60P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
BT815Q BRIDGETEK-BT815Q Datasheet
2Mb / 64P
   Embedded Video Engine
Version 1.0
FT801 BRIDGETEK-FT801 Datasheet
1Mb / 44P
   Embedded Video Engine
Version 1.3
FT800Q BRIDGETEK-FT800Q Datasheet
1Mb / 46P
   Embedded Video Engine
Version 1.4
logo
Future Technology Devic...
FT800 FTDI-FT800 Datasheet
1Mb / 55P
   Embedded Video Engine
logo
Bridgetek Pte Ltd.
FT810Q BRIDGETEK-FT810Q Datasheet
1Mb / 63P
   Advanced Embedded Video Engine
Version 1.4
logo
List of Unclassifed Man...
HS-2604 ETC-HS-2604 Datasheet
290Kb / 1P
   EMBEDDED ENGINE BOARD
logo
Bridgetek Pte Ltd.
VI800A-N485U BRIDGETEK-VI800A-N485U Datasheet
677Kb / 16P
   Embedded Video Engine Plus module
Version 1.2
BT817 BRIDGETEK-BT817 Datasheet
2Mb / 59P
   Advanced Embedded Video Engine Datasheet
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com