Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ1000 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # MJ1000
Description  COMPLEMENTARY POWER DARLINGTONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ1000 Datasheet(HTML) 1 Page - Comset Semiconductor

  MJ1000_12 Datasheet HTML 1Page - Comset Semiconductor MJ1000_12 Datasheet HTML 2Page - Comset Semiconductor MJ1000_12 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN MJ1000 – MJ1001
29/10/2012
COMSET SEMICONDUCTORS
1 | 3
COMPLEMENTARY POWER DARLINGTONS
The MJ1000, MJ1001 are silicon epitaxial-bas transistors in monolithic Darlington
configuration, and are mounted in JEDEC TO-3 metal case.
They are intended for use in power linear and switching applications.
Their complementary PNP types are the MJ900 and MJ901 respectively.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
MJ1000
60
V
MJ1001
80
VCEO
Collector-Emitter
Voltage
IB=0
MJ1000
60
V
MJ1001
80
VEBO
Emitter-Base Voltage
MJ1000
5.0
V
MJ1001
IC
Collector Current
IC(RMS)
MJ1000
8.0
A
MJ1001
IB
Base Current
MJ1000
0.1
A
MJ1001
PT
Power Dissipation
@ TC < 25°
MJ1000
90
W
Derate above 25°C
MJ1001
0.515
W/°C
TJ
Junction Temperature
MJ1000
-65 to +200
°C
MJ1001
TS
Storage Temperature
MJ1000
MJ1001
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.94
°C/W


Similar Part No. - MJ1000_12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
logo
Wing Shing Computer Com...
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10000 BOCA-MJ10000 Datasheet
195Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ10000 NJSEMI-MJ10000 Datasheet
100Kb / 2P
   NPN Silicon Power Darlington Transistor
More results

Similar Description - MJ1000_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_13 Datasheet
196Kb / 8P
   Complementary Power Darlingtons
September, 2013 ??Rev. 11
logo
New Jersey Semi-Conduct...
MJ900 NJSEMI-MJ900 Datasheet
115Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ900 COMSET-MJ900 Datasheet
175Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500 Datasheet
174Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com